Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y1508100R500VM0L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Y1508100R500VM0L
Description  Bulk Metal Foil Technology RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y1508100R500VM0L Datasheet(HTML) 1 Page - Vishay Siliconix

  Y1508100R500VM0L Datasheet HTML 1Page - Vishay Siliconix Y1508100R500VM0L Datasheet HTML 2Page - Vishay Siliconix Y1508100R500VM0L Datasheet HTML 3Page - Vishay Siliconix Y1508100R500VM0L Datasheet HTML 4Page - Vishay Siliconix Y1508100R500VM0L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bulk Metal® Foil Technology
RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
Military and Space Established Reliability
Vishay Foil Resistors
Document Number: 63007
For any questions, contact: foil@vishaypg.com
www.foilresistors.com
Revision: 30-Jul-12
1
INTRODUCTION
Military Established Reliability resistors from Vishay Foil
Resistors are available in resistance values from 4.99
through 121 k
 and for tolerances from ± 0.005 % to ± 1.0
%. The same resistors are also available as a non-qualified
product for customers desiring higher or lower resistance
values and the same or better performance capabilities. (See
table 2) Both the qualified and the non-qualified version are
manufactured on the same production line facilities and are
subjected to the same process, lot control, conditioning, and
GRP A (100 %) screening. Qualified versions receive
additional MIL Group B and C testing.
FEATURES
 QPL product with established reliability (ER): meets
requirements of MIL-PRF-55182/9
 Load life stability: ± 0.005 % for 2000 h, 0.3 W at + 125 °C
 Temperature coefficient of resistance (TCR): ± 2 ppm/°C max.
(- 55 °C to + 175 °C)
 Resistance tolerance: to ± 0.005 %
 Thermal EMF: < 0.1 µV/°C
 Qualified resistance range: 4.99  to 121 k (RNC90Y)
30.1
 to 121 k(RNC90Z)
 Specially conditioned non-QPL resistors available
See data sheet “Improved Performance Tested”
 Fast thermal stabilization
 Rise time: 1 ns without ringing
 Special coatings that provide a cushioning layer which isolates
the resistive element from external stresses and moisture
 Electrostatic discharge (ESD) above 25 000 V
 Non inductive, non capacitive design
 Current noise < - 42 dB
 Prototype sample available from 72 h
TABLE 1 - SPECIFICATIONS COMPARISON
SPECIFICATION
RNC90Y (QUALIFIED)
MIL-PRF-55182/9
CHARACTERISTIC Y LIMITS
RNC90Z (QUALIFIED)
MIL-PRF-55182/9
CHARACTERISTIC Z LIMITS
S555 (NON-QUALIFIED)
VFR PERFORMANCE
LIMITS
Z555 (NON-QUALIFIED)
VFR PERFORMANCE
LIMITS
Temperature
Coefficient of
Resistance
± 5 ppm/°C
± 2 ppm/°C
± 5 ppm/°C
± 3 ppm/°C ± 2.5 ppm/°C ± 2 ppm/°C
(- 55 °C to + 125 °C)
(- 55 °C to + 175 °C)
(- 55 °C to + 125 °C)
± 10 ppm/°C
(- 55 °C to + 125 °C)
(+ 125 °C to + 175 °C)
Resistance Range
4.99
to 121 k
30.1
to 121 k
1
to 150 k
4.99
to
25
> 25
to
80
> 80
Failure Rate
Level R
Level R
Not specified
Not specified
Load-Life Stability
0.3 W at + 125 °C
at 2000 h
± 0.05 % maximum
R
± 0.05 % maximum
R
± 0.015 % maximum
R2)
± 0.015 % maximum
R2)
at 10 000 h
± 0.5 % maximum
R
± 0.5 % maximum
R
± 0.05 % maximum
R2)
± 0.05 % maximum
R2)
Current Noise
Not specified
Not specified
- 40 dB minimum
- 40 dB minimum
High-Frequency
Operation
Rise Time
Not specified
Not specified
1.0 ns at 1 k
1.0 ns at 1 k
Inductance3) (L)
Not specified
Not specified
0.1 µH maximum
0.1 µH maximum
0.08 µH typical
0.08 µH typical
Capacitance (C)
Not specified
Not specified
1.0 pF maximum
1.0 pF maximum
0.5 pF typical
0.5 pF typical
Voltage
Coefficient
0.0005 %/V
0.0005 %/V
0.0001 %/V
0.0001 %/V
Working Voltage4)
300 V maximum
300 V maximum
300 V maximum
300 V maximum
Thermal EMF5)
Not specified
Not specified
0.1 µV/°C maximum
0.1 µV/°C maximum
1 µV/W maximum
1 µV/W maximum
Notes
1. Qualification and failure rate verification test data is maintained by Vishay Foil and is available upon request. Lot traceability and identification
data is maintained by Vishay Foil for 7 years.
2. Load life
R Maximum can be reduced by 80 % through Enhanced Reliability Testing (ERT). Consult our Applications Engineering for details.
3. Inductance (L) due mainly to the leads.
4. Not to exceed power rating of resistor.
5. µV/°C relates to EMF due to lead temperature differences and µV/W due to power applied to the resistor.
6. 0.200" (5.08 mm) lead spacing available - specify RNC90T for RNC90Y, and RNC90S for RNC90Z.


Similar Part No. - Y1508100R500VM0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y1508100R500VM0L VISHAY-Y1508100R500VM0L Datasheet
303Kb / 5P
   Bulk Metal® Foil Technology RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
Revision: 03-Sep-08
More results

Similar Description - Y1508100R500VM0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RNC90Y VISHAY-RNC90Y Datasheet
303Kb / 5P
   Bulk Metal® Foil Technology RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
Revision: 03-Sep-08
RNC90Z VISHAY-RNC90Z Datasheet
115Kb / 5P
   Z-Bulk Metal® Foil Technology RNC90Z to MIL-PRF-55182/9
Revision: 28-Aug-08
300190-9 VISHAY-300190-9 Datasheet
123Kb / 4P
   Bulk Metal Foil Technology Molded Resistor Networks
Revision 18-Aug-04
SMR1D VISHAY-SMR1D Datasheet
69Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 23-Dec-03
VHHERMETIC VISHAY-VHHERMETIC Datasheet
130Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 02-Mar-05
VSM0805 VISHAY-VSM0805 Datasheet
66Kb / 2P
   Bulk Metal Foil Technology Discrete Surface Mount Chip Resistors
Revision 17-Aug-04
SMR3D VISHAY-SMR3D Datasheet
148Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 16-Aug-04
VSR144 VISHAY-VSR144_07 Datasheet
109Kb / 4P
   Bulk Metal Foil Technology Industrial Grade Miniature Voltage Divider
Revision: 28-Jun-07
VHZ VISHAY-VHZ Datasheet
172Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 12-Dec-05
VHP4Z VISHAY-VHP4Z Datasheet
222Kb / 5P
   Z-Based Bulk Metal® Foil Technology Rapid ΔR Stabilization - Low WCR - Low TCR
Revision: 02-Mar-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com