Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR16H45 Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # MBR16H45
Description  Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBR16H45 Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  MBR16H45 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBR16H45 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MBR16H45 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR16Hxx, MBRF16Hxx & MBRB16Hxx Series
2
Maximum Ratings (TC = 25 °C unless otherwise noted)
Parameter
Symbol
MBR16H35 MBR16H45 MBR16H50 MBR16H60
Unit
Maximum repetitive peak reverse voltage
VRRM
35
45
50
60
V
Working peak reverse voltage
VRWM
35
45
50
60
V
Maximum DC blocking voltage
VDC
35
45
50
60
V
Max. average forward rectified current (see fig. 1)
IF(AV)
16
A
Peak repetitive forward current at TC = 150 °C
(rated VR, 20 KHz sq. wave)
IFRM
32
A
Non-repetitive avalanche energy
at 25
°C, IAS = 4 A, L = 10 mH
EAS
80
mJ
Peak forward surge current 8.3 ms single half sine-wave
IFSM
150
A
superimposed on rated load (JEDEC Method)
Peak repetitive reverse surge current
at tp = 2.0
µs, 1 KHZ
IRRM
1.0
0.5
A
Peak non-repetitive reverse energy (8/20
µs waveform)
ERSM
20
mJ
Electrostatic discharge capacitor voltage
VC
25
kV
Human body model: C = 100 pF, R = 1.5 k
Voltage rate of change (rated VR)
dv/dt
10,000
V/
µs
Operating junction temperature range
TJ
–65 to +175
°C
Storage temperature range
TSTG
–65 to +175
°C
RMS Isolation voltage (MBRF type only) from terminals
4500(1)
to heatsink with t = 1.0 second, RH
≤ 30%
VISOL
3500(2)
V
1500(3)
Electrical Characteristics (TC = 25 °C unless otherwise noted)
Parameter
Symbol
MBR16H35, MBR16H45 MBR16H50, MBR16H60
Unit
Typ
Max
Typ
Max
Maximum instantaneous
at IF = 16 A
TJ = 25 °C
0.66
0.73
forward voltage(4)
at IF = 16 A
TJ = 125 °C
VF
0.52
0.56
0.58
0.62
V
Maximum instantaneous reverse current
TJ = 25 °C
100
100
µA
at rated DC blocking voltage(4)
TJ =125 °C
IR
6.0
20
4.0
20
mA
Thermal Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
MBR
MBRF
MBRB
Unit
Typical thermal resistance from junction to case
R
θJC
1.5
3.0
1.5
°C/W
Notes:
(1) Clip mounting (on case), where lead does not overlap heatsink with 0.110” offset
(3) Screw mounting with 4-40 screw, where washer diameter is
≤ 4.9 mm (0.19”)
(2) Clip mounting (on case), where leads do overlap heatsink
(4) Pulse test: 300
µs pulse width, 1% duty cycle
Ordering Information
Product
Case
Package Code
Package Option
MBR16H35 – MBR16H60
TO-220AC
45
Anti-Static tube, 50/tube, 2K/carton
MBRF16H35 – MBRF16H60
ITO-220AC
45
Anti-Static tube, 50/tube, 2K/carton
31
13” reel, 800/reel, 4.8K/carton
MBRB16H35 – MBRB16H60
TO-263AB
45
Anti-Static tube, 50/tube, 2K/carton
81
Anti-Static 13” reel, 800/reel, 4.8K/carton
www.kersemi.com


Similar Part No. - MBR16H45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR16H45 VISHAY-MBR16H45 Datasheet
72Kb / 3P
   Schottky Barrier Rectifiers
03-Mar-03
MBR16H45 VISHAY-MBR16H45 Datasheet
145Kb / 5P
   Schottky Barrier Rectifier
Revision: 19-May-08
logo
Kersemi Electronic Co.,...
MBR16H45 KERSEMI-MBR16H45 Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification
logo
Vishay Siliconix
MBR16H45-E3/45 VISHAY-MBR16H45-E3/45 Datasheet
145Kb / 5P
   Schottky Barrier Rectifier
Revision: 19-May-08
MBR16H45HE3/45 VISHAY-MBR16H45HE3/45 Datasheet
145Kb / 5P
   Schottky Barrier Rectifier
Revision: 19-May-08
More results

Similar Description - MBR16H45

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBRF25H35CT KERSEMI-MBRF25H35CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBRF30H35CT KERSEMI-MBRF30H35CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR15H50CT KERSEMI-MBR15H50CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR16H60 KERSEMI-MBR16H60 Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBRF15H35CT KERSEMI-MBRF15H35CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR15H60CT KERSEMI-MBR15H60CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR10H45 KERSEMI-MBR10H45 Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR10H50 KERSEMI-MBR10H50 Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR15H35CT KERSEMI-MBR15H35CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR16H50 KERSEMI-MBR16H50 Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBRF25H60CT KERSEMI-MBRF25H60CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com