Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR580 Datasheet(PDF) 5 Page - Formosa MS

Part # SR580
Description  5.0A Axial Leaded Schottky Barrier Rectifiers - 20V-100V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SR580 Datasheet(HTML) 5 Page - Formosa MS

  SR580 Datasheet HTML 1Page - Formosa MS SR580 Datasheet HTML 2Page - Formosa MS SR580 Datasheet HTML 3Page - Formosa MS SR580 Datasheet HTML 4Page - Formosa MS SR580 Datasheet HTML 5Page - Formosa MS SR580 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
01235
7898 
0


5
5 ! "
"!  !
#

$%
"
&'()*+&,&'-))
./01323


4403513
3
6378
43513
3 6378
48
.2
0123%
9:;<=
=
>?ABCCD
ECFE:=
D
G
D
EC
HI
H
JH
KL0H
MN
KL
O0JPQR

H6
QJ
SH
6K
J
SH
MN
KL
O0JP6KR
006Q%
6JJ
TH
UKOV2R
O1P
1R
O1P
1R
W3
3
XY
P
P
ZZZ%
[
.\1.4114%
/.1P
KHY
]]$$^$$$
_QY
]]$$^$"
`aab cbdceb9 fg98hi
f
b h89 8f
db9i
jag98kb b
%
315[
\333
31X3\13
0\3X\.[
8
m
3Z1734.m
53\8
22
  " $ ]  " $ ]  "
K8
13OJ3/R


"
$
]


"
$
]


"
$
]
0\3W313
n1o2\158
323pP
4
031V
n1oZ3m
m
3
8
135n1o
..m.Z2
n1o2\158
323
"pP
4
J022343
352\158
323pP
4.\
m
344

031V4.m
53\8
223
31X3\13
0\32.3
3
.3o/335$p
J$5
]P
P

P
P


$
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SR580

ManufacturerPart #DatasheetDescription
logo
Bytes
SR580 BYTES-SR580 Datasheet
153Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SR580 YIXIN-SR580 Datasheet
128Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
SR580 LUGUANG-SR580 Datasheet
151Kb / 2P
   Schottky Barrier Rectifiers
logo
Nanjing International G...
SR580 DGNJDZ-SR580 Datasheet
467Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Lunsure Electr...
SR580 CHENYI-SR580 Datasheet
164Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR580

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SR120 FORMOSA-SR120_13 Datasheet
135Kb / 6P
   1.0A Axial Leaded Schottky Barrier Rectifiers - 20V-100V
logo
SUNMATE electronic Co.,...
SR502 SUNMATE-SR502 Datasheet
121Kb / 2P
   5.0A Axial Leaded Schottky Barrier Rectifiers
logo
Formosa MS
SR5150 FORMOSA-SR5150_13 Datasheet
127Kb / 6P
   5.0A Axial Leaded Schottky Barrier Rectifiers - 150V-200V
logo
SUNMATE electronic Co.,...
SB520 SUNMATE-SB520 Datasheet
127Kb / 2P
   5.0A Axial Leaded Schottky Barrier Diode
SR520 SUNMATE-SR520 Datasheet
178Kb / 2P
   5.0A Axial Leaded Schottky Barrier Diode
logo
Formosa MS
SR220 FORMOSA-SR220_13 Datasheet
184Kb / 6P
   2.0A Axial Leaded Schottky Barrier Rectifiers-20V-200V
SR820 FORMOSA-SR820_13 Datasheet
129Kb / 6P
   8.0A Axial Leaded Schottky Barrier Rectifiers - 20V-150V
SR320 FORMOSA-SR320_13 Datasheet
138Kb / 6P
   3.0A Axial Leaded Schottky Barrier Rectifiers - 20V-200V
logo
Mospec Semiconductor
SR57 MOSPEC-SR57 Datasheet
226Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(5.0A,70-100V)
SR507 MOSPEC-SR507 Datasheet
231Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(5.0A,70-100V)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com