Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y1189100R500VR0L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # Y1189100R500VR0L
Description  Bulk Metal Foil Technology RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y1189100R500VR0L Datasheet(HTML) 2 Page - Vishay Siliconix

  Y1189100R500VR0L Datasheet HTML 1Page - Vishay Siliconix Y1189100R500VR0L Datasheet HTML 2Page - Vishay Siliconix Y1189100R500VR0L Datasheet HTML 3Page - Vishay Siliconix Y1189100R500VR0L Datasheet HTML 4Page - Vishay Siliconix Y1189100R500VR0L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Military and Space Established Reliability
Vishay Foil Resistors
www.foilresistors.com
For any questions, contact: foil@vishaypg.com
Document Number: 63007
2
Revision: 30-Jul-12
FIGURE 1 - COMPARISON OF RNC90Y TO RNC90Z TEMPERATURE COEFFICIENT OF RESISTANCE
+ 160
0
- 160
+ 1000
- 1000
Temperature (°C)
Specification ± 2 ppm/°C
- 200
+ 300
- 1000
RNC90Z
+ 1000
- 55
25
125
175
- 300
+ 200
+ 400
0
- 400
+ 1000
- 1000
Temperature (°C)
Specification ± 5 ppm/°C
- 500
+ 500
± 10 ppm/°C
- 1000
RNC90Y
+ 1000
- 55
25
125
175
FIGURE 2 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
FIGURE 3 - POWER DERATING CURVE
200
150
100
50
0
- 50
- 25
0
+ 25 + 50 + 75 + 100
+ 125
+ 150
+ 175
Ambient Temperature °C
+ 70 °C
Rated Power
FIGURE 4 - IMPRINTING AND DIMENSIONS
RNC90Y and RNC90Z Military Approved Resistors
W
Lead Material
#22 AWG
(0.025 Dia.)
Solder Coated
Copper
Side View
Resistance
Value Code
XXXXX
100R01
B
R
LL
SW
Model Number
Failure Rate Code
(Not Present If
Non-Qualified)
Resistance
Tolerance
Code
Rear View
LS
1)
Jan Designator
(Non Present If
Non-Qualified)
VFR
S8016
XXXXX J
ST
H
L
Manufacturers
Identification
Number
Mfr. Code
B
Factory
07
Year
11
Week
Front View
Note
1. 0.200" (5.08 mm) lead spacing available - specify RNC90T for RNC90Y, and RNC90S for RNC90Z


Similar Part No. - Y1189100R500VR0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y1189100R500VR0L VISHAY-Y1189100R500VR0L Datasheet
303Kb / 5P
   Bulk Metal® Foil Technology RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
Revision: 03-Sep-08
Y1189100R500VR0L VISHAY-Y1189100R500VR0L Datasheet
115Kb / 5P
   Z-Bulk Metal® Foil Technology RNC90Z to MIL-PRF-55182/9
Revision: 28-Aug-08
More results

Similar Description - Y1189100R500VR0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RNC90Y VISHAY-RNC90Y Datasheet
303Kb / 5P
   Bulk Metal® Foil Technology RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
Revision: 03-Sep-08
RNC90Z VISHAY-RNC90Z Datasheet
115Kb / 5P
   Z-Bulk Metal® Foil Technology RNC90Z to MIL-PRF-55182/9
Revision: 28-Aug-08
300190-9 VISHAY-300190-9 Datasheet
123Kb / 4P
   Bulk Metal Foil Technology Molded Resistor Networks
Revision 18-Aug-04
SMR1D VISHAY-SMR1D Datasheet
69Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 23-Dec-03
VHHERMETIC VISHAY-VHHERMETIC Datasheet
130Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 02-Mar-05
VSM0805 VISHAY-VSM0805 Datasheet
66Kb / 2P
   Bulk Metal Foil Technology Discrete Surface Mount Chip Resistors
Revision 17-Aug-04
SMR3D VISHAY-SMR3D Datasheet
148Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 16-Aug-04
VSR144 VISHAY-VSR144_07 Datasheet
109Kb / 4P
   Bulk Metal Foil Technology Industrial Grade Miniature Voltage Divider
Revision: 28-Jun-07
VHZ VISHAY-VHZ Datasheet
172Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 12-Dec-05
VHP4Z VISHAY-VHP4Z Datasheet
222Kb / 5P
   Z-Based Bulk Metal® Foil Technology Rapid ΔR Stabilization - Low WCR - Low TCR
Revision: 02-Mar-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com