Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB250 Datasheet(PDF) 5 Page - Formosa MS

Part # SB250
Description  Axial Leaded Schottky Barrier Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SB250 Datasheet(HTML) 5 Page - Formosa MS

  SB250 Datasheet HTML 1Page - Formosa MS SB250 Datasheet HTML 2Page - Formosa MS SB250 Datasheet HTML 3Page - Formosa MS SB250 Datasheet HTML 4Page - Formosa MS SB250 Datasheet HTML 5Page - Formosa MS SB250 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
01235
7890

5
5

5
5



 3!"

##3$1"
3
%3&'
#3$1"
3 %3&'
#'
!
0123
()
(
*(
+,0(
-.
+,
/0 *0712
(%
71*
3(
%+
*
3(
-.
+,
/0 *0 %+2
00%1
%**
4(
5+/622
/ 0 2
/ 0 2
7"
"
89
0
0
:::
;
< #1 #
 0
+(99

= 19

>?@A?BCEF
FGHHIJKLMFGHHII
FNOOPBQPRQSP@ACTU@?VW
T
PBV?@B?T
RP@W
XOU@?YPBBPB

931$;
<33"
3 83<1"
<38<;
'
[
3:1&3#[
$3<'
!2
          
+' 3/*32















0<3731"
\1]2<1$'
3!"^ 0
#
0316
\1]:3[
[
"
' 35\1]
[:!
\1]2<1$'
3!"
^ 0
#
*223#"
3$2<1$'
3!"^ 0
#<
[
3##

0316#[
$3<'
!2"
3 83<1"
<3!"
"
3]33$^
*_
00
00
7

`ab
cdfgchghijklm
m
nopcqqb
gqrgjm
b
s
b
gq
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SB250

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB250 PANJIT-SB250 Datasheet
41Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Leshan Radio Company
SB250 LRC-SB250 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Semikron International
SB250 SEMIKRON-SB250 Datasheet
133Kb / 2P
   Schottky barrier rectifiers diodes
logo
Diode Semiconductor Kor...
SB250 DSK-SB250 Datasheet
258Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
SB250 SAMYANG-SB250 Datasheet
526Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB250

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1S20 SUNMATE-1S20 Datasheet
344Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier
31DQ09 SUNMATE-31DQ09 Datasheet
111Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifier
31DQ03 SUNMATE-31DQ03 Datasheet
98Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifier
11DQ03 SUNMATE-11DQ03 Datasheet
149Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier Diodes
ERA83-004 SUNMATE-ERA83-004 Datasheet
341Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier Diodes
MBR150 SUNMATE-MBR150 Datasheet
109Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier Diodes
ERA81-004 SUNMATE-ERA81-004 Datasheet
337Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier Diodes
ERA84-009 SUNMATE-ERA84-009 Datasheet
401Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier Diodes
21DQ04 SUNMATE-21DQ04 Datasheet
188Kb / 2P
   2.0A Axial Leaded Schottky Rectifier
80SQ030 SUNMATE-80SQ030 Datasheet
1Mb / 3P
   8A Axial Leaded Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com