Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR40250TG Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # MBR40250TG
Description  250 V, 40 A SWITCHMODE Schottky Power Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBR40250TG Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  MBR40250TG Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBR40250TG Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MBR40250TG Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MBR40250TG Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MBR40250TG Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MBR40250TG Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBR40250, MBR40250T, MBRF40250T
www.kersemi.com
3
TYPICAL CHARACTERISTICS
TJ = 25°C
TJ = 100°C
TJ = 125°C
TJ = 150°C
1.0E-02
1.0E-01
25
75
125
175
225
1.0E-03
1.0E-04
1.0E-05
1.0E-06
1.0E-07
1
10
100
0.3
0.4
0.6
0.8
1.0
Figure 1. Typical Forward Voltage
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
TJ = 25°C
TJ = 100°C
TJ = 125°C
TJ = 150°C
Figure 2. Maximum Forward Voltage
50
100
150
200
250
VR, REVERSE VOLTAGE (V)
0
100
200
300
400
500
600
700
110
100
TJ = 25°C
Figure 3. Typical Reverse Current
VR, REVERSE VOLTAGE (V)
Figure 4. Typical Capacitance
1
10
100
0.3
0.5
0.7
0.9
1.1
VF, MAXIMUM FORWARD VOLTAGE (V)
TJ = 25°C
TJ = 100°C
TJ = 125°C
TJ = 150°C
0.5
0.7
0.9
0.4
0.6
0.8
1.0
SQUARE WAVE
RATED VOLTAGE
RqJC = 2°C/W
DC
50
60
60
80
100
120
140
40
30
20
10
0
70
90
110
130
150
TC, CASE TEMPERATURE (°C)
Figure 5. Current Derating (Case) for
MBR40250 and MBR40250T
Figure 6. Forward Power Dissipation for
MBR40250 and MBR40250T
020
40
10
30
50
70
45
55
35
25
15
5
65
MBR40250
MBR40250T
SQUARE WAVE
DC
50
30
40
40
30
20
10
0
35
IO, AVERAGE FORWARD CURRENT (A)
010
20
515
25
MBR40250
MBR40250T


Similar Part No. - MBR40250TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR40250TG ONSEMI-MBR40250TG Datasheet
111Kb / 6P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
April, 2006 ??Rev. 5
MBR40250TG ONSEMI-MBR40250TG Datasheet
117Kb / 7P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
May, 2011 ??Rev. 10
MBR40250TG ONSEMI-MBR40250TG Datasheet
107Kb / 7P
   Switch-mode Schottky Power Rectifier 250 V, 40 A
January, 2015 ??Rev. 13
MBR40250TG ONSEMI-MBR40250TG Datasheet
86Kb / 7P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 14
logo
Inchange Semiconductor ...
MBR40250TG ISC-MBR40250TG Datasheet
289Kb / 2P
   Ultra-fast Recovery Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com