Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKFM2045C-D2 Datasheet(PDF) 3 Page - Formosa MS

Part # SKFM2045C-D2
Description  20.0A Surface Mount Schottky Barrier Rectifiers-20V-200V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SKFM2045C-D2 Datasheet(HTML) 3 Page - Formosa MS

  SKFM2045C-D2 Datasheet HTML 1Page - Formosa MS SKFM2045C-D2 Datasheet HTML 2Page - Formosa MS SKFM2045C-D2 Datasheet HTML 3Page - Formosa MS SKFM2045C-D2 Datasheet HTML 4Page - Formosa MS SKFM2045C-D2 Datasheet HTML 5Page - Formosa MS SKFM2045C-D2 Datasheet HTML 6Page - Formosa MS SKFM2045C-D2 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
01235
789
8 889

9


 !7"
#
$%
&'
()
*+0%
,-.$/01-02,30045*240-*%
5&,3064
:
;
(<
(=
<>
<:
>
>
<>
:>
=>
;>
(>>
(<>
(:>
(=>
(;>
<>>
,-?4 *4@040-*3047
8
A,9
BC
C
DE
F
F
GGG'
H
IJKIL1KL'
MIKF
*4.E
;;=)<)<<=N===(
$-OE
;;=)<)<<=N=(:(
2IMSK3TC%
2
%
LLS3U21C
3
03VW
L3U21C
3 03VW
LW
IT
0123'
$%
&'
5)
@-O%
@3@5/5)
0404*%
*%
64$/01-02
?30&4,30045*
53@X40/$,+,.4?-*=>YZ
[Q
Q>
<Q
(>>
([Q
(<Q
(Q>
(
(>
(>>
*\<Q,
]
;'
5KL?W
T2^
3Y1^
H
?W
T311V3
]424,K3C
BIU
$%
&'
:)*+0%
,-.04640?4
,Y-0-,*40%
?*%
,?
>'
(
('
>
'
>(
(>
Q>
$/01-026/.*-&47
8
69
0S^
L31W
UC
B5>>SL
(_ 2SC
`,`M^
3
'
( '
5 '
Q '
[ '
N ('
( ('
5 ('
Q
*\<Q,
]
$%
&'
<)
*+0%
,-.$/01-02
,Y-0-,*40%
?*%
,?
'
(
('
>
(>
(>>
>
<> :> => ;> (>> (<> (:>
'
>(
*\[Q,
]
*\<Q,
]
040,45*/$0-*4204-P04640?46/.*-&47
8
_9
2?)(<(=:<
<>>;F
><F
(>
<>((F
>NF
<;
4
[
$%
&'
Q)
*+0%
,-.]35,*%
/5,-0-,%
*-5,4
04640?46/.*-&47
8
69
<>>>
<:>>
<;>>
(=>>
(<>>
;>>
:>>
>
'
>(
'
>Q '
(
'
Q
(
Q
(>
Q> (>>
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SKFM2045C-D2

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SKFM10100 WEITRON-SKFM10100 Datasheet
83Kb / 3P
   D-PAK Surface Mount Schottky Barrier Rectifiers
logo
Formosa MS
SKFM10100C-D2 FORMOSA-SKFM10100C-D2 Datasheet
169Kb / 7P
   10.0A Surface Mount Schottky Barrier Rectifiers-20V-200V
logo
Weitron Technology
SKFM10100D WEITRON-SKFM10100D Datasheet
83Kb / 3P
   D-PAK Surface Mount Schottky Barrier Rectifiers
SKFM10150 WEITRON-SKFM10150 Datasheet
83Kb / 3P
   D-PAK Surface Mount Schottky Barrier Rectifiers
logo
Formosa MS
SKFM10150C-D2 FORMOSA-SKFM10150C-D2 Datasheet
169Kb / 7P
   10.0A Surface Mount Schottky Barrier Rectifiers-20V-200V
More results

Similar Description - SKFM2045C-D2

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MBR20200FCT PACELEADER-MBR20200FCT Datasheet
359Kb / 2P
   20.0A SCHOTTKY BARRIER RECTIFIERS 200V
MBR20200CT PACELEADER-MBR20200CT Datasheet
384Kb / 2P
   20.0A SCHOTTKY BARRIER RECTIFIERS 200V
logo
WILLAS ELECTRONIC CORP
SR2040C WILLAS-SR2040C Datasheet
367Kb / 2P
   20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
Microdiode Electronics ...
FM120 CHENDA-FM120 Datasheet
910Kb / 5P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
PFM220-S PACELEADER-PFM220-S Datasheet
408Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM220-M PACELEADER-PFM220-M Datasheet
487Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
logo
E-CMOS Corporation
ECC1620C-D2 E-CMOS-ECC1620C-D2 Datasheet
415Kb / 6P
   16.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
PFM120-M PACELEADER-PFM120-M Datasheet
493Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
logo
WILLAS ELECTRONIC CORP
SK22AF WILLAS-SK22AF Datasheet
310Kb / 2P
   2.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
Formosa MS
SKFM1020C-D2 FORMOSA-SKFM1020C-D2 Datasheet
169Kb / 7P
   10.0A Surface Mount Schottky Barrier Rectifiers-20V-200V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com