Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9058AJJ-REEL Datasheet(PDF) 5 Page - Analog Devices

Part # AD9058AJJ-REEL
Description  Dual 8-Bit 50 MSPS A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9058AJJ-REEL Datasheet(HTML) 5 Page - Analog Devices

  AD9058AJJ-REEL Datasheet HTML 1Page - Analog Devices AD9058AJJ-REEL Datasheet HTML 2Page - Analog Devices AD9058AJJ-REEL Datasheet HTML 3Page - Analog Devices AD9058AJJ-REEL Datasheet HTML 4Page - Analog Devices AD9058AJJ-REEL Datasheet HTML 5Page - Analog Devices AD9058AJJ-REEL Datasheet HTML 6Page - Analog Devices AD9058AJJ-REEL Datasheet HTML 7Page - Analog Devices AD9058AJJ-REEL Datasheet HTML 8Page - Analog Devices AD9058AJJ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
REV.
AD9058
–5–
7
17
18
28
39
29
6
ENCODE
ENCODE
D7 (MSB)
40
TOP VIEW
(Not to Scale)
AD9058
NC = NO CONNECT
GROUND
+VS
–VREF
–VREF
–VS
–VS
+VS
D7 (MSB)
D6
D5
D3
D4
D2
D1
D1
D2
D3
D4
D5
D6
AD9058AJJ/AKJ Pinouts
TOP VIEW
(Not to Scale)
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
AD9058
NC = NO CONNECT
GROUND
D7 (MSB)
ENCODE
D6
+VS
D5
GROUND
D4
–VREF
D3
–VS
D2
NC
D1
AIN
D0 (LSB)
+VS
GROUND
GROUND
–VS
+VREF
GROUND
COMP
+VS
+VINT
+VS
+VREF
GROUND
GROUND
–VS
+VS
GROUND
AIN
D0 (LSB)
NC
D1
D2
–VREF
D3
GROUND
D4
+VS
D5
ENCODE
D6
GROUND
D7 (MSB)
–VS
AD9058AJD/AKD Pinouts
PIN FUNCTION DESCRIPTIONS
J-Lead
Ceramic DIP
Pin Number
Pin Number
ADC-A
ADC-B
Mnemonic
Function
ADC-A
ADC-B
343
+VREF
Top of Internal Voltage Reference Ladder
14
11
4
42
GROUND
Analog Ground Return
15
10
541
+VS
Positive 5 V Analog Supply Voltage
16
9
640
AIN
Analog Input Voltage
17
8
739
–VS
Negative 5 V Supply Voltage
19
6
838
–VREF
Bottom of Internal Voltage Reference Ladder
20
5
937
+VS
Positive 5 V Digital Supply Voltage
22
3
10
36
ENCODE
TTL Compatible Convert Command
23
2
11
35
D7 (MSB)
Most Significant Bit of TTL Digital Output
25
48
12–17
34–29
D6–D1
TTL Compatible Digital Output Bits
26–31
47–42
18
28
D0 (LSB)
Least Significant Bit of TTL Digital Output
32
41
19
27
GROUND
Digital Ground Return
21, 24, 33
1, 4, 40
20
26
–VS
Negative 5 V Supply Voltage
34
39
21
25
GROUND
Analog Ground Return
35
38
22
24
+VS
Positive 5 V Analog Supply Voltage
36
37
COMMON PINS
COMMON PINS
1
COMP
Connection for External (0.1
μF)
12
Compensation Capacitor
2+VINT
Internal 2 V Reference; Can Drive
13
+VREF for Both ADCs
PIN CONFIGURATIONS
E


Similar Part No. - AD9058AJJ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9058AJJ-REEL AD-AD9058AJJ-REEL Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJJ-REEL AD-AD9058AJJ-REEL Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJJ-REEL AD-AD9058AJJ-REEL Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJJ-REEL AD-AD9058AJJ-REEL Datasheet
327Kb / 12P
   Dual 8-Bit 50 MSPS A/D Converter
More results

Similar Description - AD9058AJJ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9058 AD-AD9058_15 Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058 AD-AD9058 Datasheet
148Kb / 8P
   Dual 8-Bit 50 MSPS A/D Converter
REV. B
AD9058 AD-AD9058_17 Datasheet
327Kb / 12P
   Dual 8-Bit 50 MSPS A/D Converter
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
logo
Fujitsu Component Limit...
MB40C958V FUJITSU-MB40C958V Datasheet
130Kb / 13P
   50 MSPS 3ch 8-bit D/A Converter
logo
Analog Devices
AD9059BRSZ AD-AD9059BRSZ Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9059 AD-AD9059 Datasheet
190Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. 0
AD9059 AD-AD9059_17 Datasheet
252Kb / 13P
   Dual 8-Bit, 60 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com