Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4941-1 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4941-1
Description  18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4941-1 Datasheet(HTML) 5 Page - Analog Devices

  ADA4941-1 Datasheet HTML 1Page - Analog Devices ADA4941-1 Datasheet HTML 2Page - Analog Devices ADA4941-1 Datasheet HTML 3Page - Analog Devices ADA4941-1 Datasheet HTML 4Page - Analog Devices ADA4941-1 Datasheet HTML 5Page - Analog Devices ADA4941-1 Datasheet HTML 6Page - Analog Devices ADA4941-1 Datasheet HTML 7Page - Analog Devices ADA4941-1 Datasheet HTML 8Page - Analog Devices ADA4941-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7986
Rev. B | Page 5 of 28
TIMING SPECIFICATIONS
AVDD = DVDD = 2.5 V, BVDD = 5 V, VIO = 1.8 V to 2.7 V, VREF = 4.096 V, TA = −40°C to +85°C, unless otherwise noted.1
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Conversion Time: CNV Rising Edge to Data Available (Turbo Mode/Normal Mode)
t
CONV
400/500
ns
Acquisition Time
t
ACQ
100
ns
Time Between Conversions (Turbo Mode/Normal Mode)
t
CYC
500/660
ns
CNV Pulse Width (CS Mode)
t
CNVH
10
ns
Data Read During Conversion (Turbo Mode/Normal Mode)
t
DATA
200/300
ns
Quiet Time During Acquisition from Last SCK Falling Edge to CNV Rising Edge
t
QUIET
20
ns
SCK Period (CS Mode)
t
SCK
9
ns
SCK Period (Chain Mode)
t
SCK
11
ns
SCK Low Time
t
SCKL
3.5
ns
SCK High Time
t
SCKH
3.5
ns
SCK Falling Edge to Data Remains Valid
t
HSDO
2
ns
SCK Falling Edge to Data Valid Delay
t
DSDO
6
ns
CNV or SDI Low to SDO D17 MSB Valid (CS Mode)
t
EN
10
ns
CNV or SDI High or Last SCK Falling Edge to SDO High Impedance (CS Mode)
t
DIS
8
ns
SDI Valid Setup Time from CNV Rising Edge
t
SSDICNV
4
ns
SDI Valid Hold Time from CNV Rising Edge (CS Mode)
t
HSDICNV
0
ns
SDI Valid Hold Time from CNV Rising Edge (Chain Mode)
t
HSDICNV
0
ns
SCK Valid Setup Time from CNV Rising Edge (Chain Mode)
t
SSCKCNV
5
ns
SCK Valid Hold Time from CNV Rising Edge (Chain Mode)
t
HSCKCNV
5
ns
SDI Valid Setup Time from SCK Falling Edge (Chain Mode)
t
SSDISCK
2
ns
SDI Valid Hold Time from SCK Falling Edge (Chain Mode)
t
HSDISCK
3
ns
SDI High to SDO High (Chain Mode with Busy Indicator)
t
DSDOSDI
5
ns
1 See Figure 2 and Figure 3 for load conditions.
500µA
IOL
500µA
IOH
1.4V
TO SDO
CL
20pF
Figure 2. Load Circuit for Digital Interface Timing
90% VIO
10% VIO
VIH1
VIL1
VIL1
VIH1
tDELAY
tDELAY
1MINIMUM VIH AND MAXIMUM VIL USED. SEE DIGITAL INPUTS
SPECIFICATIONS IN TABLE 3.
Figure 3. Voltage Levels for Timing


Similar Part No. - ADA4941-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4941-1 AD-ADA4941-1 Datasheet
526Kb / 24P
   16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. PrB
ADA4941-1 AD-ADA4941-1 Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
ADA4941-1 AD-ADA4941-1 Datasheet
926Kb / 32P
   Ultralow Power, Low Distortion
REV. B
ADA4941-1 AD-ADA4941-1 Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
ADA4941-1YCP-EBZ AD-ADA4941-1YCP-EBZ Datasheet
500Kb / 24P
   Single-Supply, Differential 18-Bit ADC Driver
REV. C
More results

Similar Description - ADA4941-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
AD7982 AD-AD7982_17 Datasheet
804Kb / 26P
   18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
AD7982BRMZ AD-AD7982BRMZ Datasheet
672Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. A
AD7982 AD-AD7982_15 Datasheet
2Mb / 25P
   18 Bit 1 MSPS PulSAR 7.0 mW ADC in MSOP QFN
REV. C
AD7984 AD-AD7984 Datasheet
722Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/QFN
REV. 0
AD7982BRMZRL7 AD-AD7982BRMZRL7 Datasheet
570Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. B
AD7985 AD-AD7985_17 Datasheet
569Kb / 29P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
AD7985 AD-AD7985 Datasheet
585Kb / 28P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7944 AD-AD7944 Datasheet
582Kb / 28P
   14-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com