Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD20P03 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MTD20P03
Description  TMOS POWER FET LOGIC LEVEL 19 AMPERES 30 VOLTS RDS(on) = 0.099 OHM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTD20P03 Datasheet(HTML) 4 Page - Motorola, Inc

  MTD20P03 Datasheet HTML 1Page - Motorola, Inc MTD20P03 Datasheet HTML 2Page - Motorola, Inc MTD20P03 Datasheet HTML 3Page - Motorola, Inc MTD20P03 Datasheet HTML 4Page - Motorola, Inc MTD20P03 Datasheet HTML 5Page - Motorola, Inc MTD20P03 Datasheet HTML 6Page - Motorola, Inc MTD20P03 Datasheet HTML 7Page - Motorola, Inc MTD20P03 Datasheet HTML 8Page - Motorola, Inc MTD20P03 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MTD20P03HDL
4
Motorola TMOS Power MOSFET Transistor Device Data
POWER MOSFET SWITCHING
Switching behavior is most easily modeled and predicted
by recognizing that the power MOSFET is charge controlled.
The lengths of various switching intervals (
∆t) are deter-
mined by how fast the FET input capacitance can be charged
by current from the generator.
The published capacitance data is difficult to use for calculat-
ing rise and fall because drain–gate capacitance varies
greatly with applied voltage. Accordingly, gate charge data is
used. In most cases, a satisfactory estimate of average input
current (IG(AV)) can be made from a rudimentary analysis of
the drive circuit so that
t = Q/IG(AV)
During the rise and fall time interval when switching a resis-
tive load, VGS remains virtually constant at a level known as
the plateau voltage, VSGP. Therefore, rise and fall times may
be approximated by the following:
tr = Q2 x RG/(VGG – VGSP)
tf = Q2 x RG/VGSP
where
VGG = the gate drive voltage, which varies from zero to VGG
RG = the gate drive resistance
and Q2 and VGSP are read from the gate charge curve.
During the turn–on and turn–off delay times, gate current is
not constant. The simplest calculation uses appropriate val-
ues from the capacitance curves in a standard equation for
voltage change in an RC network. The equations are:
td(on) = RG Ciss In [VGG/(VGG – VGSP)]
td(off) = RG Ciss In (VGG/VGSP)
The capacitance (Ciss) is read from the capacitance curve at
a voltage corresponding to the off–state condition when cal-
culating td(on) and is read at a voltage corresponding to the
on–state when calculating td(off).
At high switching speeds, parasitic circuit elements com-
plicate the analysis. The inductance of the MOSFET source
lead, inside the package and in the circuit wiring which is
common to both the drain and gate current paths, produces a
voltage at the source which reduces the gate drive current.
The voltage is determined by Ldi/dt, but since di/dt is a func-
tion of drain current, the mathematical solution is complex.
The MOSFET output capacitance also complicates the
mathematics. And finally, MOSFETs have finite internal gate
resistance which effectively adds to the resistance of the
driving source, but the internal resistance is difficult to mea-
sure and, consequently, is not specified.
The resistive switching time variation versus gate resis-
tance (Figure 9) shows how typical switching performance is
affected by the parasitic circuit elements. If the parasitics
were not present, the slope of the curves would maintain a
value of unity regardless of the switching speed. The circuit
used to obtain the data is constructed to minimize common
inductance in the drain and gate circuit loops and is believed
readily achievable with board mounted components. Most
power electronic loads are inductive; the data in the figure is
taken with a resistive load, which approximates an optimally
snubbed inductive load. Power MOSFETs may be safely op-
erated into an inductive load; however, snubbing reduces
switching losses.
GATE–TO–SOURCE OR DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 7. Capacitance Variation
10
0
10
15
20
25
2800
2000
1200
400
0
VGS
VDS
1600
800
5
5
2400
VDS = 0 V
Ciss
Crss
VGS = 0 V
TJ = 25°C
Ciss
Coss
Crss


Similar Part No. - MTD20P03

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTD20P03HDL ONSEMI-MTD20P03HDL Datasheet
94Kb / 9P
   P?묬hannel DPAK Power MOSFET
July, 2006 ??Rev. 7
MTD20P03HDL1 ONSEMI-MTD20P03HDL1 Datasheet
94Kb / 9P
   P?묬hannel DPAK Power MOSFET
July, 2006 ??Rev. 7
MTD20P03HDL1G ONSEMI-MTD20P03HDL1G Datasheet
94Kb / 9P
   P?묬hannel DPAK Power MOSFET
July, 2006 ??Rev. 7
MTD20P03HDLG ONSEMI-MTD20P03HDLG Datasheet
94Kb / 9P
   P?묬hannel DPAK Power MOSFET
July, 2006 ??Rev. 7
MTD20P03HDLT4 ONSEMI-MTD20P03HDLT4 Datasheet
94Kb / 9P
   P?묬hannel DPAK Power MOSFET
July, 2006 ??Rev. 7
More results

Similar Description - MTD20P03

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD20N03HDL MOTOROLA-MTD20N03HDL Datasheet
250Kb / 12P
   TMOS POWER FET LOGIC LEVEL 20 AMPERES 30 VOLTS RDS(on) = 0.035 OHM
MTP50P03HDL MOTOROLA-MTP50P03HDL Datasheet
131Kb / 8P
   TMOS POWER FET LOGIC LEVEL 50 AMPERES 30 VOLTS RDS(on) = 0.025 OHM
MTD20N06HDL MOTOROLA-MTD20N06HDL Datasheet
293Kb / 12P
   TMOS POWER FET LOGIC LEVEL 20 AMPERES 60 VOLTS RDS(on) = 0.045 OHM
MTE30N50E MOTOROLA-MTE30N50E Datasheet
229Kb / 8P
   TMOS POWER FET 30 AMPERES 500 VOLTS RDS(on) = 0.150 OHM
MTP30N06VL MOTOROLA-MTP30N06VL Datasheet
207Kb / 8P
   TMOS POWER FET 30 AMPERES 60 VOLTS RDS(on) = 0.050 OHM
MTP30P06V MOTOROLA-MTP30P06V Datasheet
191Kb / 8P
   TMOS POWER FET 30 AMPERES 60 VOLTS RDS(on) = 0.080 OHM
MTP1306 MOTOROLA-MTP1306 Datasheet
171Kb / 8P
   TMOS POWER FET 75 AMPERES 30 VOLTS RDS(on) = 0.0065 OHM
MTY30N50E MOTOROLA-MTY30N50E Datasheet
237Kb / 8P
   TMOS POWER FET 30 AMPERES 500 VOLTS RDS(on) = 0.15 OHM
MTB50P03HDL MOTOROLA-MTB50P03HDL Datasheet
182Kb / 12P
   TMOS POWER FET LOGIC LEVEL 50 AMPERES 30 VOLTS
MTD20P06HDL MOTOROLA-MTD20P06HDL Datasheet
308Kb / 12P
   TMOS POWER FET LOGIC LEVEL 15 AMPERES 60 VOLTS RDS(on) = 175 MOHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com