Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU9024N Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # IRFU9024N
Description  Ultra Low On-Resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU9024N Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRFU9024N Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFU9024N Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFU9024N Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU9024N Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU9024N Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU9024N Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU9024N Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFU9024N Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFU9024N Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Source-Drain Ratings and Characteristics
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.6
V
TJ = 25°C, IS = -7.2A, VGS = 0V
„
trr
Reverse Recovery Time
–––
47
71
ns
TJ = 25°C, IF = -7.2A
Qrr
Reverse Recovery Charge
–––
84
130
nC
di/dt = 100A/µs
„†
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
-11
-44
A
Notes:
…This is applied for I-PAK, LS of D-PAK is measured between
lead and center of die contact
‚ Starting T
J = 25°C, L = 2.8mH
RG = 25Ω, IAS = -6.6A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ ISD ≤ -6.6A, di/dt ≤ 240A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-55
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
-0.05 –––
V/°C
Reference to 25°C, ID = -1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.175
VGS = -10V, ID = -6.6A
„
VGS(th)
Gate Threshold Voltage
-2.0
–––
-4.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
2.5
–––
–––
S
VDS = -25V, ID = -7.2A
†
–––
–––
-25
µA
VDS = -55V, VGS = 0V
–––
–––
-250
VDS = -44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
19
ID = -7.2A
Qgs
Gate-to-Source Charge
–––
–––
5.1
nC
VDS = -44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
10
VGS = -10V, See Fig. 6 and 13
„†
td(on)
Turn-On Delay Time
–––
13
–––
VDD = -28V
tr
Rise Time
–––
55
–––
ID = -7.2A
td(off)
Turn-Off Delay Time
–––
23
–––
RG = 24
tf
Fall Time
–––
37
–––
RD = 3.7Ω, See Fig. 10
„†
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
…
Ciss
Input Capacitance
–––
350
–––
VGS = 0V
Coss
Output Capacitance
–––
170
–––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
–––
92
–––
ƒ = 1.0MHz, See Fig. 5
†
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
S
D
G
† Uses IRF9Z24N data and test conditions.
IRFR/U9024N
www.kersemi.com
2 /10


Similar Part No. - IRFU9024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU9024N IRF-IRFU9024N Datasheet
117Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A)
logo
Inchange Semiconductor ...
IRFU9024N ISC-IRFU9024N Datasheet
305Kb / 2P
   isc P-Channel MOSFET Transistor
logo
International Rectifier
IRFU9024NCPBF IRF-IRFU9024NCPBF Datasheet
1Mb / 10P
   HEXFET POWER MOSFET
logo
Kersemi Electronic Co.,...
IRFU9024NCPBF KERSEMI-IRFU9024NCPBF Datasheet
5Mb / 10P
   ULTRA LOW ON-RESISTANCE
IRFU9024NCPBF KERSEMI-IRFU9024NCPBF Datasheet
5Mb / 10P
   HEXFET Power MOSFET
More results

Similar Description - IRFU9024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com