Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3797EUKGPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT3797EUKGPBF
Description  Triple Output LED Driver Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3797EUKGPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3797EUKGPBF Datasheet HTML 6Page - Linear Technology LT3797EUKGPBF Datasheet HTML 7Page - Linear Technology LT3797EUKGPBF Datasheet HTML 8Page - Linear Technology LT3797EUKGPBF Datasheet HTML 9Page - Linear Technology LT3797EUKGPBF Datasheet HTML 10Page - Linear Technology LT3797EUKGPBF Datasheet HTML 11Page - Linear Technology LT3797EUKGPBF Datasheet HTML 12Page - Linear Technology LT3797EUKGPBF Datasheet HTML 13Page - Linear Technology LT3797EUKGPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
LT3797
10
3797f
For more information www.linear.com/LT3797
PIN FUNCTIONS
EN/UVLO (Pin 51): Enable and Undervoltage Lockout
Pin. An accurate 1.22V falling threshold with externally
programmable hysteresis detects when power is OK to en-
able the integrated INTVCCpowersupplyandeachchannel
switching. Rising hysteresis is generated by the external
resistor divider and an accurate internal 2μA pull-down
current. Above the 1.24V (typical) rising threshold (but
below 2.5V), EN/UVLO input bias current is sub-μA. Below
the 1.22V (typical) falling threshold, a 2μA pull-down cur-
rent is enabled so the user can define the hysteresis with
the external resistor selection. An undervoltage condition
turns off the integrated INTVCC power supply and all the
three channels and resets the soft-starts. Tie to 0.4V, or
less, to disable the device and reduce VIN quiescent cur-
rent below 1μA.
OVLO (Pin 52): Overvoltage Lockout Pin. An accurate
1.25V rising threshold with 125mV hysteresis detects an
overvoltage condition. An overvoltage condition turns off
all three channels (including pulling the GATE pins to GND
and TG pins to ISP) and resets the soft-starts. Tie OVLO
to GND if not used.
GND (Exposed Pad Pin 53): Ground. Solder the exposed
pad directly to ground plane.


Similar Part No. - LT3797EUKGPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3797EUKG LINER-LT3797EUKG Datasheet
454Kb / 8P
   Triple LED Boost Controller
More results

Similar Description - LT3797EUKGPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3797 LINER-LT3797_15 Datasheet
459Kb / 36P
   Triple Output LED Driver Controller
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
   Triple Output LED Driver
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
   Triple Output LED Driver
logo
ON Semiconductor
NCP5623C ONSEMI-NCP5623C_11 Datasheet
133Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
July, 2011 ??Rev. 1
NCP5623B ONSEMI-NCP5623B_15 Datasheet
97Kb / 12P
   Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
NCP5623C ONSEMI-NCP5623C Datasheet
160Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
May, 2009 ??Rev. 0
logo
Microsemi Corporation
LX1745 MICROSEMI-LX1745 Datasheet
439Kb / 16P
   Triple Output Boost - LED Driver / LCD Bias
logo
ON Semiconductor
NCP5623B ONSEMI-NCP5623B Datasheet
159Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
February, 2009 ??Rev. 0
NCP5623C ONSEMI-NCP5623C_17 Datasheet
94Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
January, 2017 ??Rev. 2
NCP5623 ONSEMI-NCP5623 Datasheet
143Kb / 10P
   Triple Output I2C Controlled RGB LED Driver
October, 2008 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com