Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA4742A Datasheet(PDF) 3 Page - Formosa MS

Part # SMA4742A
Description  Surface Mount Zener Diodes 1W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMA4742A Datasheet(HTML) 3 Page - Formosa MS

  SMA4742A Datasheet HTML 1Page - Formosa MS SMA4742A Datasheet HTML 2Page - Formosa MS SMA4742A Datasheet HTML 3Page - Formosa MS SMA4742A Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
123
124
156
4
176
4
186
4
136
4
4
9
36
4
9
86
4
38 7 524 22 23
244
4
4
4
34
24
6
4
6
4
6
4
36
4
26
4
24
34
4
4
4
244
26
3
46
46
46
3
26
4
4
4 34 84 74 54244234284274254344
2
2 4
23
244
4
3
4
34
17
18
13
4
9
46
3
9
46
8
8
7
5

*26'%
*

*36

)

9
12 4*+4,&
)
*)
%
%6
!

*6$
#&#)
)
))#%#*&

*86
#*
#)!
#*
#)!
#*
#)!
##%

##%#*&&)
-

-)!
./#' #)%/5
&*)

%
46
42
26
4
01

23 
446
246
346
46
846
46
746
46
546
26
4
*
1

*
1

#2#%#*&
&)
-
3456478:;
<=>
?
@ABDE=FGHBFB>IJ
EKBLMN
XYZ[]
^_
_
`a
b
b
cccd
e
fghfiYhid
jfhb
klma
nnopqpqqorooos
tuva
nnopqpqqorosws
xfjyh[z_{
x
{
iiy[|xY_
[
}[~
i[|xY_
[ }[~
i
fz
XYZ[d
x€psqsoq]
qnb
qb
qsb
]b
l
w
SMA4728A Thru SMA4764A
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SMA4742A

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SMA4742A YANGJIE-SMA4742A Datasheet
194Kb / 3P
   Zener Diodes
logo
RFE international
SMA4742A RFE-SMA4742A Datasheet
954Kb / 4P
   Surface Mount Zener Diodes
07-22-2020
logo
Socay Electornics Co., ...
SMA4742A SOCAY-SMA4742A Datasheet
149Kb / 5P
   SMA4728A - SZ1330A Series VZ: 3.3 To 330 V PD: 1 W
SMA4742A SOCAY-SMA4742A Datasheet
149Kb / 5P
   Surface Mount Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
SMA4742A CHENG-YI-SMA4742A Datasheet
352Kb / 3P
   1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results

Similar Description - SMA4742A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
ZM4728A TAITRON-ZM4728A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
logo
DAESAN ELECTRONIC CORP.
DL4728A DAESAN-DL4728A Datasheet
367Kb / 3P
   1W SURFACE MOUNT ZENER DIODES
logo
SeCoS Halbleitertechnol...
DL47XXA SECOS-DL47XXA Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
1SMA4737 TSC-1SMA4737_15 Datasheet
226Kb / 6P
   1W, 7.5V - 200V Surface Mount Silicon Zener Diodes
logo
TAITRON Components Inco...
1N4728A TAITRON-1N4728A Datasheet
200Kb / 4P
   1W Zener Diodes
logo
Zibo Seno Electronic En...
ZM4728 ZSELEC-ZM4728 Datasheet
194Kb / 3P
   1W SURFACE MOUNT ZENER DIODE
logo
Formosa MS
1N4728 FORMOSA-1N4728 Datasheet
156Kb / 3P
   1W ZENER DIODES
logo
Nanjing International G...
1N4728 DGNJDZ-1N4728 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Cystech Electonics Corp...
ZD4728ASA CYSTEKEC-ZD4728ASA Datasheet
271Kb / 4P
   1W Zener Diodes
logo
TAITRON Components Inco...
TZ100B TAITRON-TZ100B Datasheet
168Kb / 4P
   1W Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com