Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM5822-AL Datasheet(PDF) 3 Page - Formosa MS

Part # FM5822-AL
Description  Chip Schottky Barrier Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM5822-AL Datasheet(HTML) 3 Page - Formosa MS

  FM5822-AL Datasheet HTML 1Page - Formosa MS FM5822-AL Datasheet HTML 2Page - Formosa MS FM5822-AL Datasheet HTML 3Page - Formosa MS FM5822-AL Datasheet HTML 4Page - Formosa MS FM5822-AL Datasheet HTML 5Page - Formosa MS FM5822-AL Datasheet HTML 6Page - Formosa MS FM5822-AL Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
01235
789
8 889

9


 !7"
#
$%
&'
()
*+0%
,-.$/01-02,30045*240-*%
5&,3064
$%
&'
5)
:-;%
:3:5/5)
0404*%
*%
64$/01-02
<30&4,30045*
$%
&'
>)
*+0%
,-.?35,*%
/5,-0-,%
*-5,4
04640<46/.*-&47
8
69
A'
B
('
A
('
B
C'
A
C'
B
5'
A
A
CA
>A
DA
EA
(AA
(CA
(>A
(DA
(EA
CAA
A
FAA
DAA
BAA
>AA
5AA
CAA
(AA
A
>A
CA
DA
(AA
EA
'
A(
'
AB '
(
'
B
(
B
(A
BA (AA
.4-2*4:040-*3048
G,9
'
(
('
A
(A
(AA
$%
&'
B)*+0%
,-.04640<4
,H-0-,*40%
<*%
,<
040,45*-&40-*4204-=04640<46/.*-&4
A
CA >A DA EA (AA (CA (>A
'
A(
*JFB,
?
*JCB,
?
53:K40/$,+,.4<-*DAHL
(
(A
B
BA
(AA
*JCB,
?
E'
5IM<N
O2P
3H1P
Q
<N
O311R3
?424,I3S
TUV
TS
S
@W
X
X
YYY'
Q
UZIUM1IM'
[UIX
*4.W
EED)C)CCD\DDD(
$-;W
EED)C)CCD\D(>(
2U[]I3OS%
2
%
MM]3V21S
3
03RN
M3V21S
3 03RN
MN
UO
0123'
2<)(C(DCE
CAAEX
ACX
(A
CA(AX
A5X
(A
4
F
A'
(
('
A
'
A(
(A
BA
$%
&'
C)
*+0%
,-.$/01-02
,H-0-,*40%
<*%
,<
0]P
M31N
VS
T5AA]M
(^ 2]S
_,_[P
3
'
( '
5 '
B '
F '
\ ('
( ('
5 ('
B
5'
A
*JCB,
?
$/01-026/.*-&47
8
69
深圳FMS
Kinter
131
6803
0058


Similar Part No. - FM5822-AL

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM5822-AL FORMOSA-FM5822-AL Datasheet
69Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM5822-ALN FORMOSA-FM5822-ALN Datasheet
70Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - FM5822-AL

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBD2020-G COMCHIP-CDBD2020-G Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD620-G COMCHIP-CDBD620-G Datasheet
94Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD2020-HF COMCHIP-CDBD2020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
LFM220 FORMOSA-LFM220 Datasheet
54Kb / 7P
   Chip Schottky Barrier Rectifier
FM5817-L FORMOSA-FM5817-L Datasheet
183Kb / 7P
   Chip Schottky Barrier Rectifier
logo
Comchip Technology
CDBD1020-HF COMCHIP-CDBD1020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD8060-G COMCHIP-CDBD8060-G Datasheet
59Kb / 3P
   Chip Schottky Barrier Rectifier
CDBD8060-HF COMCHIP-CDBD8060-HF Datasheet
76Kb / 3P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
FM320-MHT FORMOSA-FM320-MHT Datasheet
60Kb / 7P
   Chip Schottky Barrier Rectifier
FM120-MT FORMOSA-FM120-MT Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
LFM120-MH1 FORMOSA-LFM120-MH1 Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com