Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHRP15120 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # RHRP15120
Description  15A, 1200V Hyperfast Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RHRP15120 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  RHRP15120 Datasheet HTML 1Page - Fairchild Semiconductor RHRP15120 Datasheet HTML 2Page - Fairchild Semiconductor RHRP15120 Datasheet HTML 3Page - Fairchild Semiconductor RHRP15120 Datasheet HTML 4Page - Fairchild Semiconductor RHRP15120 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
RHRP15120 Rev. B
RHRP15120
15A, 1200V Hyperfast Diode
The RHRP15120 is a hyperfast diode with soft recovery
characteristics (trr < 65ns). It has half the recovery time of
ultrafast diodes and is of silicon nitride passivated
ion-implanted epitaxial planar construction.
This device is intended for use as a freewheeling/clamping
diode and rectifier in a variety of switching power supplies
and other power switching applications. Its low stored charge
and hyperfast soft recovery minimize ringing and electrical
noise in many power switching circuits, thus reducing power
loss in the switching transistors.
Formerly developmental type TA49098.
Symbol
Features
• Hyperfast with Soft Recovery . . . . . . . . . . . . . . . . . . <65ns
• Operating Temperature . . . . . . . . . . . . . . . . . . . . . . 175oC
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1200V
• Avalanche Energy Rated
• Planar Construction
Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose
Packaging
JEDEC TO-220AC
Ordering Information
PART NUMBER
PACKAGE
BRAND
RHRP15120
TO-220AC
RHR15120
NOTE: When ordering, use the entire part number.
K
A
CATHODE
(FLANGE)
CATHODE
ANODE
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
RHRP15120
UNITS
Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VRRM
1200
V
Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRWM
1200
V
DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VR
1200
V
Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IF(AV)
(TC = 140
oC)
15
A
Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFRM
(Square Wave, 20kHz)
30
A
Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IFSM
(Halfwave, 1 Phase, 60Hz)
200
A
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
100
W
Avalanche Energy (See Figures 10 and 11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAVL
20
mJ
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ
-65 to 175
oC
Data Sheet
January 2002


Similar Part No. - RHRP15120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRP15120 INTERSIL-RHRP15120 Datasheet
48Kb / 4P
   15A, 1200V Hyperfast Diode
logo
Thinki Semiconductor Co...
RHRP15120 THINKISEMI-RHRP15120 Datasheet
496Kb / 3P
   15 Ampere,1200 Volt SwitchMode Single Fast Recovery Epitaxial Diode
logo
Inchange Semiconductor ...
RHRP15120 ISC-RHRP15120 Datasheet
312Kb / 2P
   Ultra fast Rectifier
More results

Similar Description - RHRP15120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRP15120 INTERSIL-RHRP15120 Datasheet
48Kb / 4P
   15A, 1200V Hyperfast Diode
RHRG15120CC INTERSIL-RHRG15120CC Datasheet
49Kb / 4P
   15A, 1200V Hyperfast Dual Diode
RHRP8120 INTERSIL-RHRP8120 Datasheet
50Kb / 4P
   8A, 1200V Hyperfast Diode
logo
Fairchild Semiconductor
RHRG30120 FAIRCHILD-RHRG30120 Datasheet
74Kb / 4P
   30A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG50120 INTERSIL-RHRG50120 Datasheet
14Kb / 2P
   50A, 1200V Hyperfast Diode
RHRU50120 INTERSIL-RHRU50120 Datasheet
59Kb / 4P
   50A, 1200V Hyperfast Diode
RHRG30120 INTERSIL-RHRG30120 Datasheet
31Kb / 3P
   30A, 1200V Hyperfast Diode
RHRU100120 INTERSIL-RHRU100120 Datasheet
40Kb / 3P
   100A, 1200V Hyperfast Diode
RHRU75120 INTERSIL-RHRU75120 Datasheet
42Kb / 3P
   75A, 1200V Hyperfast Diode
RHRP15100 INTERSIL-RHRP15100 Datasheet
54Kb / 4P
   15A, 1000V Hyperfast Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com