Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4566 Datasheet(PDF) 1 Page - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4566
Description  30V N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd

AO4566 Datasheet(HTML) 1 Page - shenzhen wanhexing Electronics Co.,Ltd

  AO4566 Datasheet HTML 1Page - shenzhen wanhexing Electronics Co.,Ltd AO4566 Datasheet HTML 2Page - shenzhen wanhexing Electronics Co.,Ltd AO4566 Datasheet HTML 3Page - shenzhen wanhexing Electronics Co.,Ltd AO4566 Datasheet HTML 4Page - shenzhen wanhexing Electronics Co.,Ltd AO4566 Datasheet HTML 5Page - shenzhen wanhexing Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AO4566
30V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
12A
RDS(ON) (at VGS=10V)
< 11m
RDS(ON) (at VGS=4.5V)
< 17m
Application
100% UIS Tested
100% Rg Tested
Symbol
VDS
V
• Latest Trench Power AlphaMOS (αMOS LV) technology
• Very Low RDS(ON) at 4.5V VGS
• Low Gate Charge
• High Current Capability
• RoHS and Halogen-Free Compliant
• DC/DC Converters in Computing, Servers, and POL
• Isolated DC/DC Converters in Telecom and Industrial
30V
V
±20
Gate-Source Voltage
Drain-Source Voltage
30
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
SOIC-8
Top View
Bottom View
D
D
D
D
S
S
S
G
G
D
S
VGS
IDM
IAS
EAS
VDS Spike
VSPIKE
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJL
100ns
36
V
Avalanche Current
C
15
A
Avalanche energy L=0.1mH
C
11
mJ
Units
Parameter
Typ
Max
°C/W
RθJA
42
50
Maximum Junction-to-Lead
°C/W
°C/W
Maximum Junction-to-Ambient
A D
20
85
30
70
Continuous Drain
Current
G
A
ID
12
9.4
48
TA=70°C
Pulsed Drain Current
C
Maximum Junction-to-Ambient
A
V
±20
Gate-Source Voltage
TA=25°C
°C
Thermal Characteristics
Power Dissipation
B
PD
TA=25°C
W
2.5
1.6
TA=70°C
Junction and Storage Temperature Range
-55 to 150
Rev 0: Aug 2012
www.aosmd.com
Page 1 of 5
万和兴电子有限公司 www.whxpcb.com


Similar Part No. - AO4566

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4566 AOSMD-AO4566 Datasheet
343Kb / 5P
   30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4566 KEXIN-AO4566 Datasheet
1Mb / 4P
   N-Channel MOSFET
AO4566-HF KEXIN-AO4566-HF Datasheet
2Mb / 4P
   N-Channel MOSFET
More results

Similar Description - AO4566

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com