Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES2C Datasheet(PDF) 1 Page - Formosa MS

Part # ES2C
Description  SURFACE MOUNT SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

ES2C Datasheet(HTML) 1 Page - Formosa MS

  ES2C Datasheet HTML 1Page - Formosa MS ES2C Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0121341678
9
1 



7333319 
 !"#
"
$%&'(*+,+-,./
01233456
78796
:;<
=
>?57@
A'BCD
E%F
&(G56
78H96
:<
87I;56
78H
:?6
898HJK
L/
GM,/
NOPI
J8<
Q570P0R
STF
%BD
U
V(-56
5H?:W778W5<
8;>:<
Q5788W7
XTYEU
D
EZST&D
U
D
TE(3W@
\'D
Z]U
(
P^
PPO5_W>8IP^
1`abH
:4;
MQ896
:;<
=
>9:>c:b8>:H
H
=
8;dW78H
eH
=
<
8H
;L:?5H
:<
5H
@
f6
:44:?=
6
=
<
@-6
:;;=
g
=
>:<
=
5Wh2i/
P
f5H;_H
g
:>845_W<
87:996
=
>:<
=
5W;
G_98Hg
:;<;e=
<
>Q=
Wbg
5HQ=
bQ8g
g
=
>=
8W>@
L5eH
8j8H
;86
8:c:b8
k_=
6
<
/
=
W;<
H
:=
WH
86
=
8g
I
=
78:6g
5H:_<
54:<
8796
:>848W<
l=
bQg
5H
e:H
7;_H
b8>_H
H
8W<>:9:?=
6
=
<
@
l=
bQ<
8498H
:<
_H
8;56
78H
=
Wbb_:H
:W<
887(
0OP-m
1P;8>5W7;:<<
8H
4=
W:6
;
nopAqros
Xo$tpuv
$pwxpAp
uTU
'y
1^
z8j8H
;8H
8>5j8H
@>5W7=
<
=
5WK
f
{P^
O3I
K
z
{1^
P3I
K
H
H
{P^
0O3
0^
J8:;_H
87:<1Jl|:W7:996
=
87H
8j8H
;8j56
<
:b85g2^
Pi,^
-^
Xp}v
XqXrpAv
u~spuxowo$Arv
$pw$tprp$Aorv
sAv
$s
i.LMG
i.LMG
i.LMG
€‚ƒ„
quv
As
349;
349;
i56
<
;
irrX
irXs
ix$
K
…
p†‡
K
nsX
in
0^
P
OP^
P
P^
hO
.98H
:<
=
Wbˆ
_W><
=
5W:W7;<
5H
:b8<
8498H
:<
_H
8H
:Wb8
J:‰=
4_4H
898<
=
<
=
j898:cH
8j8H
;8j56
<
:b8
J:‰=
4_4zJGj56
<
:b8
J:‰=
4_4,-?6
5>c=
Wbj56
<
:b8
J:‰=
4_4:j8H
:b8g
5H
e:H
7H
8><
=
g
=
87>_H
H
8W<
:<Mw{OO-
Š8:cg
5H
e:H
7;_H
b8>_H
H
8W<
a^
`4;;=
Wb6
8Q:6
g;=
W8/
e:j8;_98H
=
495;875W
H
:<
876
5:7‹
*+,+-J8<
Q57Œ
J:‰=
4_4=
W;<
:W<
:W85_;g
5H
e:H
7j56
<
:b8:<0^
P3
J:‰=
4_4,-H
8j8H
;8>_H
H
8W< Mp{0O-
:<H
:<
87,-?6
5>c=
Wbj56
<
:b8
Mp{1PP-
K
r
O^
P
OP^
P
zŽp
-Ž
MŽIMsA~
2P^
P
RP^
P
/
RO<
51OP
9f
-
3

M@9=
>:6<
Q8H
4:6H
8;=
;<
:W>8‹
‘.M+`Œ
-m
’
M@9=
>:6ˆ
_W><
=
5W>:9:>=
<
:W>8‹
‘.M+0Œ
J:‰=
4_4H
8j8H
;8H
8>5j8H
@<
=
48 ‹
‘.M+1Œ
<
BB
`O
W;
os“p os“” os“$ os“x os“o os“~ os“Ž
z:<
=
Wb;:<0O-:4?=
8W<<
8498H
:<
_H
8_W6
8;;5<
Q8H
e=
;8;98>=
g
=
87^
G=
Wb6
89Q:;8Q:6
g
/
e:j8RPl|I
H
8;=
;<
=
j85H=
W7_><
=
j86
5:7I
g
5H>:9:>=
<
=
j86
5:7>_H
H
8W<78H
:<
8?@0P•^
OP
`O
OP
1PP
NP
1PP
1OP
1PO
1OP
2PP
0aP
2PP
RPP
20P
RPP
0PP
12P
0PP
`PP
01P
`PP
1^
0O
1^
N
`^
Š^
-^
k^45_W<
87e=
<
QP^
2‰P^
2–‹
1P‰1P44Œ>5998H9:7:H
8:;
—˜"™˜
™˜
™˜
™š›"œ™ž ˜


˜"
"#
sX” 
x¡¢
“£¤pp

¥¦ž

§Ÿ

¦ž
§
¥Ÿ

§¦¦ž
¨

§¦ž
©
ªªŸ

§ž
©
ª¨Ÿ

§©ž
©
©Ÿ

ž
§

©ž

¦Ÿ

ž

Ÿ

§ª¨ž
¨
ª©Ÿ

§ž

©Ÿ

ž

§Ÿ

¥ž

©Ÿ
«¬

§ž
©
§Ÿ

§§ž

¥Ÿ
os“pAtrqos“Ž
sqrnp$oX¡quAsqSornpsAro$Av
nv
or
­®¯°®±²´µ
¶·¸¹»
½¾¿ÀÁ¹ÂÃÄ
½
Ä
ÅÅÀ¹Æ½·Ã
¹
ǹÈÉ
Źƽ·Ã
¹ ǹÈÉ
ÅÉ
¾Â
¶·¸¹Ê
ËÃ
Ã
ÌÍ
Î
Î
ÏÏÏÊ
Ð
¾ÑÁ¾Å·ÁÅÊ
¿¾ÁÎ
ÒÓÔÍ
ÕÕÖ×Ø×ØØÖÙÖÖÖ»
ÚÛÜÍ
ÕÕÖ×Ø×ØØÖÙֻݻ
½Þ×ØØØÖÝß
ØààÕÎ
àØÎ
Ȉ
Øà»àÎ
àáÎ
Ȉ
â
Ø
深圳FMS
Kinter
131
6803
0058


Similar Part No. - ES2C

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ES2C JGD-ES2C Datasheet
173Kb / 3P
   2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
RFE international
ES2C RFE-ES2C Datasheet
1Mb / 3P
   Surface Mount Super Fast Recovery Recifier ES2A Through ES2K
08-12-2020
logo
PACELEADER INDUSTRIAL
ES2C PACELEADER-ES2C Datasheet
146Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Galaxy Semi-Conductor H...
ES2C BILIN-ES2C Datasheet
118Kb / 2P
   SURFACE MOUNT RECTIFIER
ES2C BILIN-ES2C Datasheet
145Kb / 3P
   Surface Mount Rectifiers
More results

Similar Description - ES2C

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
ES2BA DIOTECH-ES2BA Datasheet
729Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Shanghai Shunye Electro...
ES2A SY-ES2A Datasheet
234Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES1B DIOTECH-ES1B Datasheet
838Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
List of Unclassifed Man...
ES1AF ETC2-ES1AF Datasheet
526Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES3AF ETC2-ES3AF Datasheet
975Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
RS1A-F SMC-RS1A-F Datasheet
221Kb / 6P
   SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com