Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHRG1560 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # RHRG1560
Description  15A, 400V - 600V Hyperfast Dual Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RHRG1560 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  RHRG1560 Datasheet HTML 1Page - Fairchild Semiconductor RHRG1560 Datasheet HTML 2Page - Fairchild Semiconductor RHRG1560 Datasheet HTML 3Page - Fairchild Semiconductor RHRG1560 Datasheet HTML 4Page - Fairchild Semiconductor RHRG1560 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
RHRG1540CC, RHRG1560CC Rev. B
Test Circuits and Waveforms
FIGURE 8. trr TEST CIRCUIT
FIGURE 9. trr WAVEFORMS AND DEFINITIONS
FIGURE 10. AVALANCHE ENERGY TEST CIRCUIT
FIGURE 11. AVALANCHE CURRENT AND VOLTAGE
WAVEFORMS
RG
L
VDD
IGBT
CURRENT
SENSE
DUT
VGE
t1
t2
VGE AMPLITUDE AND
t1 AND t2 CONTROL IF
RG CONTROL dIF/dt
+
-
dt
dIF
IF
trr
ta
tb
0
IRM
0.25 IRM
DUT
CURRENT
SENSE
+
LR
VDD
R < 0.1
EAVL = 1/2LI
2 [V
R(AVL) /(VR(AVL) - VDD)]
Q1 = IGBT (BVCES > DUT VR(AVL))
-
VDD
Q1
IMAX = 1A
L = 40mH
IV
t0
t1
t2
IL
VAVL
t
IL
RHRG1540CC, RHRG1560CC


Similar Part No. - RHRG1560

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRG1560 INTERSIL-RHRG1560 Datasheet
50Kb / 4P
   15A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
RHRG1560 FAIRCHILD-RHRG1560 Datasheet
399Kb / 6P
   15A, 600V Hyperfast Rectifier
logo
Intersil Corporation
RHRG1560CC INTERSIL-RHRG1560CC Datasheet
50Kb / 4P
   15A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
RHRG1560CC FAIRCHILD-RHRG1560CC Datasheet
383Kb / 6P
   15A, 600V Hyperfast Rectifier
RHRG1560CC_F085 FAIRCHILD-RHRG1560CC_F085 Datasheet
383Kb / 6P
   15A, 600V Hyperfast Rectifier
More results

Similar Description - RHRG1560

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRG1540CC INTERSIL-RHRG1540CC Datasheet
50Kb / 4P
   15A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
RHRP1560 FAIRCHILD-RHRP1560 Datasheet
357Kb / 5P
   15A, 400V - 600V Hyperfast Diodes
RHRP1540 FAIRCHILD-RHRP1540 Datasheet
357Kb / 5P
   15A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRP840CC INTERSIL-RHRP840CC Datasheet
49Kb / 4P
   8A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
RHRG3040CC FAIRCHILD-RHRG3040CC Datasheet
339Kb / 5P
   30A, 400V - 600V Hyperfast Dual Diodes
logo
Intersil Corporation
RHRD440CC INTERSIL-RHRD440CC Datasheet
50Kb / 4P
   4A, 400V - 600V Hyperfast Dual Diodes
RHRP640CC INTERSIL-RHRP640CC Datasheet
82Kb / 5P
   6A, 400V - 600V Hyperfast Dual Diodes
RHRG3040CC INTERSIL-RHRG3040CC Datasheet
47Kb / 4P
   30A, 400V - 600V Hyperfast Dual Diodes
MUR3040PT INTERSIL-MUR3040PT Datasheet
32Kb / 3P
   15A, 400V - 600V Ultrafast Dual Diodes
logo
Fairchild Semiconductor
RURG1540CC FAIRCHILD-RURG1540CC Datasheet
340Kb / 4P
   15A, 400V - 600V Ultrafast Dual Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com