Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4446 Datasheet(PDF) 1 Page - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4446
Description  30V N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd

AO4446 Datasheet(HTML) 1 Page - shenzhen wanhexing Electronics Co.,Ltd

  AO4446 Datasheet HTML 1Page - shenzhen wanhexing Electronics Co.,Ltd AO4446 Datasheet HTML 2Page - shenzhen wanhexing Electronics Co.,Ltd AO4446 Datasheet HTML 3Page - shenzhen wanhexing Electronics Co.,Ltd AO4446 Datasheet HTML 4Page - shenzhen wanhexing Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
33
40
59
75
RθJL
16
24
W
Junction and Storage Temperature Range
A
°C
3
2.1
-55 to 150
TA=70°C
ID
A
Continuous Drain
Current
A
Maximum
Units
Parameter
TA=25°C
TA=70°C
30
Drain-Source Voltage
Maximum Junction-to-Ambient
A
Steady-State
15
12
40
Avalanche Current
B
20
PD
Repetitive avalanche energy L=0.1mH
B
50
°C/W
°C/W
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
±20
Pulsed Drain Current
B
Power Dissipation
TA=25°C
Gate-Source Voltage
mJ
Maximum Junction-to-Lead
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
AO4446
30V N-Channel MOSFET
Product Summary
VDS (V) = 30V
ID = 15A (VGS = 10V)
RDS(ON) < 8.5mΩ (VGS = 10V)
RDS(ON) < 14.5mΩ (VGS = 4.5V)
100% UIS Tested
100% Rg Tested
General Description
The AO4446 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and low
gate resistance. This device is ideally suited for use
in PWM applications.
SOIC-8
Top View
Bottom View
D
D
D
D
S
S
S
G
G
D
S
Alpha & Omega Semiconductor, Ltd.
万和兴电子有限公司 www.whxpcb.com


Similar Part No. - AO4446

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4446 AOSMD-AO4446 Datasheet
112Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
AO4446 AOSMD-AO4446 Datasheet
171Kb / 4P
   30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4446 KEXIN-AO4446 Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4446 VBSEMI-AO4446 Datasheet
1,006Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4446-HF KEXIN-AO4446-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - AO4446

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com