Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGF1D Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # RGF1D
Description  1.0 Ampere Fast Recovery Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RGF1D Datasheet(HTML) 2 Page - Fairchild Semiconductor

  RGF1D Datasheet HTML 1Page - Fairchild Semiconductor RGF1D Datasheet HTML 2Page - Fairchild Semiconductor RGF1D Datasheet HTML 3Page - Fairchild Semiconductor RGF1D Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RGF1A-RGF1M, Rev. E
Fast Recovery Rectifiers
(continued)
Typical Characteristics
Forward Characteristics
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0.01
0.1
1
10
20
FORWARD VOLTAGE (V)
Pulse Width = 300
µs
2% Duty Cycle
T = 25 C
º
A
T = 125 C
º
A
Non-Repetitive Surge Current
12
5
10
20
50
100
0
10
20
30
40
50
NUMBER OF CYCLES AT 60Hz
Junction Capacitance
12
5
10
20
50
100
1
2
5
10
20
50
REVERSE VOLTAGE (V)
Reverse Characteristics
0
204060
80
100
120
140
0.01
0.1
1
10
30
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
T = 25 C
º
A
T = 100 C
º
A
T = 150 C
º
A
Forward Current Derating Curve
0
25
50
75
100
125
150
175
0
0.25
0.5
0.75
1
1.25
LEAD TEMPERATURE ( C)
º
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED
ON 0.2 x 0.2"
(5.0 x 5.0 mm)
COPPER PAD AREAS


Similar Part No. - RGF1D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
RGF1D GE-RGF1D Datasheet
89Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RGF1D VISHAY-RGF1D Datasheet
89Kb / 4P
   Surface-Mount Glass Passivated Junction Fast Switching Rectifier
01-Jan-2022
RGF1D VISHAY-RGF1D Datasheet
35Kb / 2P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
08-Feb-02
logo
Fairchild Semiconductor
RGF1D FAIRCHILD-RGF1D Datasheet
49Kb / 3P
   Fast Rectifiers
logo
First Components Intern...
RGF1D FCI-RGF1D Datasheet
141Kb / 2P
   1.0 Amp MEGARECTIFIERS
More results

Similar Description - RGF1D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RS1A FAIRCHILD-RS1A Datasheet
38Kb / 3P
   1.0 Ampere Fast Recovery Rectifiers
RGP10A FAIRCHILD-RGP10A Datasheet
35Kb / 3P
   1.0 Ampere Glass Passivated Fast Recovery Rectifiers
1N4933GP FAIRCHILD-1N4933GP Datasheet
32Kb / 2P
   1.0 Ampere Glass Passivated Fast Recovery Rectifiers
logo
Motorola, Inc
1N4933 MOTOROLA-1N4933 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Bytes
BA157 BYTES-BA157 Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
FR101 BYTES-FR101 Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
RL101F BYTES-RL101F Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
F1T1 TSC-F1T1_10 Datasheet
526Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
F1T1 TSC-F1T1_1 Datasheet
247Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
FR101 TSC-FR101_1 Datasheet
262Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com