Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP18A Datasheet(PDF) 4 Page - Formosa MS

Part # 5KP18A
Description  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

5KP18A Datasheet(HTML) 4 Page - Formosa MS

  5KP18A Datasheet HTML 1Page - Formosa MS 5KP18A Datasheet HTML 2Page - Formosa MS 5KP18A Datasheet HTML 3Page - Formosa MS 5KP18A Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
01214560478495094



04560504849
64950
9 4









 

 
!"94
0
49

60
4156
94 494 10542
10



08
51&0
585
054


'((((
'(((
'((
'(



74594650
0&)*
056
 1054
082814
60!


-
814950
 9 4

./







./
./
./ 
0/
0/
05)*2
!




94840
48145 497
05 571
4004784950942
*



814 64950
9 4
35 497
564
4619
4
5







     

020
74
0/



8145 497
0&
)*
08
8.4
/5,6
7
8
096
/:5;
6
<5:
=/7
8=79>6
<7,85?
57
85
95=@A.?
?
5<7:5A=B/7
>
2 >;
97
3,=C5;
>?
0 =/
:5;
6
<5:DB9
4
5
09)./
85=@C=4
.5

97
!=4
;C=4
.5) 

97







-




HIJKM
NO
O
PQ
R
R
SSST
U
VWXVYIXYT
ZVXR
[\]Q
^^_`a`aa_b___c
defQ
^^_`a`aa_b_cMc
gVZhXKiOj
g
j
YYhKkgIO
K
lKmn
YKkgIO
K lKmn
Yn
Vi
HIJKT
go`aaa^pM
app^R
paR
cp
apcpR
pqR
cp
r
M
tuvxyz{
y|
~€‚ƒ…†
‡ˆ‰Š‹Œ
ŠŽ‘’
Ž
‰“”•––ˆ‹‹‘ˆ
深圳FMS
Kinter
131
6803
0058


Similar Part No. - 5KP18A

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP18A SURGE-5KP18A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
DONGGUAN YOU FENG WEI E...
5KP18A YFWDIODE-5KP18A Datasheet
79Kb / 4P
   5000W Transient Voltage Suppressors
logo
Vishay Siliconix
5KP18A VISHAY-5KP18A Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
logo
Won-Top Electronics
5KP18A WTE-5KP18A Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
5KP18A SECOS-5KP18A Datasheet
357Kb / 4P
   5000W Peak Power TVS
More results

Similar Description - 5KP18A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com