Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR2535 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # MBR2535
Description  25 Amp Schottky Barrier Rectifier 20 to 100 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBR2535 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  MBR2535 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBR2535 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR2520
THRU
MBR25100
25 Amp
Schottky Barrier
Rectifier
Features
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Microsemi
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR2520
MBR2520
20V
14V
20V
MBR2530
MBR2530
30V
21V
30V
MBR2535
MBR2535
35V
24.5V
35V
MBR2540
MBR2540
40V
28V
40V
MBR2545
MBR2545
45V
31.5
45V
MBR2560
MBR2560
60V
42V
60V
MBR25100 MBR25100
100V
70V
100V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
25A
TC = 130
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
.63V
IFM = 25A per
element;
TA = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR


INCHES
MM






A
.595
.620
15.11
15.75
B
.380
.405
9.65
10.29
G
R
B
Q
H
U
L
D
C
J
K
A
F
S
T
U
------
.050
-----
1.27
C
.160
.190
4.06
4.82
D
.025
.035
0.64
0.89
F
.142
.147
3.61
3.73
G
.190
.210
4.83
5.33
H
.110
.130
2.79
3.30
J
.018
.025
0.46
0.64
K
.500
.562
12.70
14.27
L
.045
.060
1.14
1.52
Q
.100
.120
2.54
3.04
R
.080
.110
2.04
2.79
S
.045
.055
1.14
1.39
Metal of siliconrectifier, majonty carrier conducton
Guard ring for transient protection
Low power loss high efficiency
High surge capacity, High current capability
TO-220AC
20 to 100 Volts
T
.235
.255
5.97
6.48
MBR2580
MBR2580
80V
56V
80V
MBR2020-2045
MBR2060
.84V
MBR2080-20100
.75V
0.2mA
TJ = 25
°C
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
www.kersemi.com


Similar Part No. - MBR2535

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2535 MOTOROLA-MBR2535 Datasheet
82Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
Micro Commercial Compon...
MBR2535 MCC-MBR2535 Datasheet
98Kb / 2P
   25 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Sangdest Microelectroni...
MBR2535 SMC-MBR2535 Datasheet
204Kb / 6P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
logo
SMC Diode Solutions Co....
MBR2535 SMCDIODE-MBR2535 Datasheet
325Kb / 6P
   SCHOTTKY RECTIFIER
Rev. A
logo
Kersemi Electronic Co.,...
MBR2535CT KERSEMI-MBR2535CT Datasheet
818Kb / 2P
   25.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR2535

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2520 MCC-MBR2520 Datasheet
98Kb / 2P
   25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2520CT MCC-MBR2520CT Datasheet
99Kb / 2P
   25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF2520CT MCC-MBRF2520CT Datasheet
400Kb / 2P
   25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2520 MCC-MBRB2520 Datasheet
86Kb / 2P
   25 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2540CT KERSEMI-MBR2540CT Datasheet
820Kb / 2P
   25 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR2520CT MCC-MBR2520CT_14 Datasheet
243Kb / 3P
   25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2520CT MCC-MBRB2520CT Datasheet
86Kb / 2P
   25 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com