Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGP10D Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # RGP10D
Description  1.0 Ampere Glass Passivated Fast Recovery Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RGP10D Datasheet(HTML) 1 Page - Fairchild Semiconductor

  RGP10D Datasheet HTML 1Page - Fairchild Semiconductor RGP10D Datasheet HTML 2Page - Fairchild Semiconductor RGP10D Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RPG10A - RPG10M, Rev. A
RGP10A - RGP10M
1.0 Ampere Glass Passivated Fast Recovery Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Value
Units
IO
Average Rectified Current
.375 " lead length @ TL = 55
°C
1.0
A
if(surge)
Peak Forward Surge Current
8.3 ms single half-sine-wave
Superimposed on rated load (JEDEC method)
30
A
PD
Total Device Dissipation
Derate above 25
°C
2.5
17
W
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
50
°C/W
Tstg
Storage Temperature Range
-65 to +175
°C
TJ
Operating Junction Temperature
-65 to +175
°C
©1999 Fairchild Semiconductor Corporation
Features
1.0 ampere operation at T
A
= 55°C
with no thermal runaway.
High temperature metallurgically
bonded construction.
Glass passivated cavity-free junction.
Typical I
R less than 1µA.
Fast switching for high efficiency.
Parameter
Device
Units
10A
10B
10D
10G
10J
10K
10M
Peak Repetitive Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
DC Reverse Voltage (Rated VR)
50
100
200
400
600
800
1000
V
Maximum Reverse Current
@ rated VR
TA = 25
°C
TA = 150
°C
5.0
200
µA
µA
Maximum Reverse Recovery Time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
150
250
500
nS
Maximum Forward Voltage @ 1.0 A
1.3
V
Typical Junction Capacitance
VR = 4.0 V, f = 1.0 MHz
15
pF
DO-41
COLOR BAND DENOTES CATHODE
1.0 min
(25.4)
0.107 (2.72)
0.080 (2.03)
0.034 (0.86)
0.028 (0.71)
0.205 (5.21)
0.160 (4.06)
Dimensions in
inches (mm)
Discrete POWER & Signal
Technologies


Similar Part No. - RGP10D

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP10D ZOWIE-RGP10D Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Jinan Jingheng (Group) ...
RGP10D JINANJINGHENG-RGP10D Datasheet
104Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Vishay Siliconix
RGP10D VISHAY-RGP10D Datasheet
81Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
logo
General Semiconductor
RGP10D GE-RGP10D Datasheet
60Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Gulf Semiconductor
RGP10D GULFSEMI-RGP10D Datasheet
75Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
More results

Similar Description - RGP10D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4933GP FAIRCHILD-1N4933GP Datasheet
32Kb / 2P
   1.0 Ampere Glass Passivated Fast Recovery Rectifiers
1N4001GP FAIRCHILD-1N4001GP Datasheet
41Kb / 3P
   1.0 Ampere Glass Passivated Rectifiers
logo
Bytes
FR101G BYTES-FR101G Datasheet
153Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Formosa MS
1N4942G FORMOSA-1N4942G Datasheet
33Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
UNIOHM CORPORATION
FR101G UNIOHM-FR101G Datasheet
66Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
1N4933G UNIOHM-1N4933G Datasheet
73Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
RS1A DGNJDZ-RS1A Datasheet
132Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Formosa MS
1N4933G FORMOSA-1N4933G Datasheet
38Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Bytes
1N4933G BYTES-1N4933G Datasheet
160Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Goodwork Semiconductor ...
FR101G GWSEMI-FR101G Datasheet
67Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com