Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP12 Datasheet(PDF) 3 Page - Formosa MS

Part # 5KP12
Description  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

5KP12 Datasheet(HTML) 3 Page - Formosa MS

  5KP12 Datasheet HTML 1Page - Formosa MS 5KP12 Datasheet HTML 2Page - Formosa MS 5KP12 Datasheet HTML 3Page - Formosa MS 5KP12 Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0123
456738
0123
456738
9338
3



3

9338
3
33


62


3

3
5
3


3
0362

4!

#!
9
!


!

!

6$!
9

5$!
%
!
22
$!
&'
(
)*++
)*++
++
,,
+-
.,
//
0,
)
,
1,
)0
,
2-
,,
/1
)*++$
)*++$
++
,,
+-
.,
/,
-,
)
,
1,
)+
+
0/
,,
+2
)*+-
)*+-
+-
,,
/,
,,
/2
0,
)
,
1,
-/
+
.2
,,
/)
)*+-$
)*+-$
+-
,,
/,
,,
//
3,
)
,
1,
)2
1
2-
,,
/,
)*/,
)*/,
/,
,,
//
/,
)/
+,
)
,
1,
.1
/
.,
,,
),
)*/,$
)*/,$
/,
,,
//
/,
/0
1,
)
,
1,
-/
)
.2
,,
/)
)*/+
)*/+
/+
,,
/.
2,
)2
/,
)
,
1,
.-
.
-)
,,
)/
)*/+$
)*/+$
/+
,,
/.
2,
)3
2,
)
,
1,
-0
/
.3
,,
/0
)*/)
)*/)
/)
,,
),
,,
-1
1,
)
,
1,
2,
+
-3
,,
).
)*/)$
)*/)$
/)
,,
),
,,
))
+,
)
,
1,
.3
.
-0
,,
)1
)*/2
)*/2
/2
,,
)+
+,
-)
1,
)
,
1,
2)
)
)2
,,
-3
)*/2$
)*/2$
/2
,,
)+
+,
)2
0,
)
,
1,
..
/
-)
,,
))
)*)1
)*)1
)1
,,
)-
.,
-0
+,
)
,
1,
01
1
))
,,
-)
)*)1$
)*)1$
)1
,,
)-
.,
-3
.,
)
,
1,
23
/
-1
,,
-,
)*)/
)*)/
)/
,,
-,
,,
.+
+,
)
,
1,
0-
+
)3
,,
.,
)*)/$
)*)/$
)/
,,
-,
,,
--
+,
)
,
1,
2.
1
).
,,
-/
)*)2
)*)2
)2
,,
-/
/,
.2
.,
)
,
1,
1,+
,
/0
,,
..
)*)2$
)*)2$
)2
,,
-/
/,
.1
3,
)
,
1,
0+
-
)+
,,
-0
)*-,
)*-,
-,
,,
--
.,
21
),
)
,
1,
1,.
,
/.
,,
.0
)*-,$
)*-,$
-,
,,
--
.,
.+
.,
)
,
1,
0-
2
)3
,,
.,
)*-/
)*-/
-/
,,
.1
1,
2-
0,
)
,
1,
11/
,
//
,,
2)
)*-/$
)*-/$
-/
,,
.1
1,
.2
-,
)
,
1,
1,+
,
/0
,,
.)
)*.,
)*.,
.,
,,
..
2,
0)
1,
)
,
1,
13)
,
/,
,,
0+
)*.,$
)*.,$
.,
,,
..
2,
2-
,,
)
,
1,
11+
,
//
,,
2/
)*.)
)*.)
.)
,,
2+
+,
1,3
,,
)
,
1,
1+/
,
+.
,,
1,,
)*.)$
)*.)$
.)
,,
2+
+,
03
1,
)
,
1,
131
,
/1
,,
0,
)*.2
)*.2
.2
,,
2-
.,
1,-
,,
)
,
1,
1+0
,
+-
,,
1,/
)*.2$
)*.2$
.2
,,
2-
.,
0)
2,
)
,
1,
13-
,
/,
,,
0/
)*2)
)*2)
2)
,,
0/
/,
11)
,,
)
,
1,
1)1
,
++
,,
11+
)*2)$
)*2)$
2)
,,
0/
/,
1,/
,,
)
,
1,
1+.
,
+-
,,
1,3
)*0,
)*0,
0,
,,
1,,
,,
133
,,
)
,
1,
1-,
,
+1
,,
13,
)*0,$
)*0,$
0,
,,
1,,
,,
111
,,
)
,
1,
1/-
,
+/
,,
1,0
)*1,,
)*1,,
1,,
,,
111
,,
1+-
,,
)
,
1,
1.0
,
32
,,
1+/
)*11,
)*11,
11,
,,
133
,,
1/0
,,
)
,
1,
10-
,
3-
,,
1/.
)*13,
)*13,
13,
,,
1++
,,
1-+
,,
)
,
1,
31)
,
3+
,,
1)2
)*1),
)*1),
1),
,,
1--
,,
3,/
,,
)
,
1,
3-2
,
12
),
3,,
)*12,
)*12,
12,
,,
3,,
,,
3//
,,
)
,
1,
+3,
,
1)
,,
3/,
#8
34

3
#
5
4607 8 5


9
93
3 7

8
3%

3
%3 5


9
$93
3 )&

38
%33
%3
 5


3
3 1,&

38
%33
3
1:87

8
3%

3
%3 ;
91,
538<
;39

6

57
3
>?@AC
DE
E
FG
H
H
IIIJ
K
LMNLO?NOJ
PLNH
QRSG
TTUVWVWWUXUUUY
Z[\G
TTUVWVWWUXUY]Y
^LP_NA`Ea
^
a
OO_Ab^?E
A
cAde
OAb^?E
A cAde
Oe
L`
>?@AJ
^fVWWWTg]
WggTH
gWH
Yg
WgYgH
gCH
Yg
h
]
jklnopq
or
tuvwuxy{|
}~€‚
ƒ€„†‡ˆ
„
‰ƒŠ‹ŒŒ~ƒ‡~
深圳FMS
Kinter
131
6803
0058


Similar Part No. - 5KP12

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP12 SURGE-5KP12 Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
UN Semiconducctor INC
5KP12 UNSEMI-5KP12 Datasheet
4Mb / 8P
   5.0 To 440V 5000W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shenzhen Luguang Electr...
5KP12 LUGUANG-5KP12 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Pan Jit International I...
5KP12 PANJIT-5KP12 Datasheet
88Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
5KP12 LUGUANG-5KP12 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
More results

Similar Description - 5KP12

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com