Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMCJ9.5A Datasheet(PDF) 2 Page - Formosa MS

Part # 3.0SMCJ9.5A
Description  SMD Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

3.0SMCJ9.5A Datasheet(HTML) 2 Page - Formosa MS

  3.0SMCJ9.5A Datasheet HTML 1Page - Formosa MS 3.0SMCJ9.5A Datasheet HTML 2Page - Formosa MS 3.0SMCJ9.5A Datasheet HTML 3Page - Formosa MS 3.0SMCJ9.5A Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
01
2
34
5
61
22
72
822
9 1
7
1
1
2
1
6
61
96
72
822
71
9
721
9
1
0
61
61
8
72
022
61
771
61
2
4

4
3
72

4

4

61
0
4

4

7

4
3
4

81
2
4

4

7

4
3
4
3
81
0
4
55
4
5
7

4
5
54
5
1
2
4

4

7

54

4
5
721
2
4

4

7

34

4

771
2
4

54

7

354

4

71
2
4

54

7

4

4

791
2
54
5
4

7

4
5
4

71
2
4
3
4

7

4
5
4

701
2
34

4

7

4
5
54
5
7 1
2
4

4

7

4
5
34

761
2
4

4

7

4
4
3
781
2
4

4

7

4
4

21
2
4

54

7

4
3
4
5
1
2
54
5
34

7

54

4

1
2
34

4

7

4

4

1
2
4

4

7

4

54

81
2
4

54
5
7

334

54
5
921
2
4

34

7

34

54
5
991
2
34

54
3
7

34

4

9 1
2
54

554

7

4
3
4

21
2
554
5
54

7

534
5
354

91
2
54

4

7

34
5
54

01
2
4

4

7

54

4
81
2
4

4

7

4

4
5
071
2
34

34

7

34
5
4
5
01
2
34

334

7

54
5
4

081
2
354
5
4

7

4

4

21
2
334

4

7

4

3
1
2
4

4
3
7

4

4

621
2
4

34

7

34
3
4

601
2
4

4

7

54

4

681
2
34

4

7

4

34

!"#$
!
% &''#
()*+),-/0
12346
78
8
9:
;
;
<<<=
>
?@A?B2AB=
C?A;
DEF:
GGHI6I66HJHHHK
LMN:
GGHI6I66HJHKOK
P?CQA4R8S
P
S
BBQ4TP28
4
U4VW
B4TP28
4 U4VW
BW
?R
1234=
PXI66KGKY
6ZZG;
Z6;
KZ
6ZK[;
Z[;
ZK
P
O
\]
^_`ab
cdefhijkle
ihm
n
copde
km
n
copde
qerj
qs
ket
m
s
ft
m
u
vqerj
wwx
m
wwx
m
qyv
q
jz
{|
q
j}~|
q
xd
j}~|
d
j}~|
d
j}~|
q
€€‚ƒ„…
‚†‚ˆ†„†‚ƒ€„…
‰ƒ…
‚‰
ŒŽ

‘Ž’“
•–—˜
™ŽŽ
™—š™›
Ž
œ›
™œ
™žžŸŽ
 ™›
¡
ž™žš™¢
£

™¤
¥¦¦¦§ ¥©
¦ª«¬­ª®¯
°
®±
\]
^_`ab²]
^a³ \]
^_`ab²]
\]
^_`ab´]
^a³ \]
^_`ab´]
\]
^_`ab´]
²a³ \]
^_`ab´]
²³
\]
^_`abµ]
^a³ \]
^_`abµ]
\]
^_`abµ]
²a³ \]
^_`abµ]
²³
\]
^_`ab¶]
^a³ \]
^_`ab¶]
\]
^_`ab¶]
²a³ \]
^_`ab¶]
²³
\]
^_`ab·]
^a³ \]
^_`ab·]
\]
^_`ab¸^a³ \]
^_`ab¸^³
\]
^_`ab¸¸a³ \]
^_`ab¸¸³
\]
^_`ab¸¹a³ \]
^_`ab¸¹³
\]
^_`ab¸\a³ \]
^_`ab¸\³
\]
^_`ab¸ºa³ \]
^_`ab¸º³
\]
^_`ab¸²a³ \]
^_`ab¸²³
\]
^_`ab¸´a³ \]
^_`ab¸´³
\]
^_`ab¸µa³ \]
^_`ab¸µ³
\]
^_`ab¸¶a³ \]
^_`ab¸¶³
\]
^_`ab¹^a³ \]
^_`ab¹^³
\]
^_`ab¹¹a³ \]
^_`ab¹¹³
\]
^_`ab¹ºa³ \]
^_`ab¹º³
\]
^_`ab¹´a³ \]
^_`ab¹´³
\]
^_`ab¹¶a³ \]
^_`ab¹¶³
\]
^_`ab\^a³ \]
^_`ab\^³
\]
^_`ab\\a³ \]
^_`ab\\³
\]
^_`ab\´a³ \]
^_`ab\´³
\]
^_`abº^a³ \]
^_`abº^³
\]
^_`abº\a³ \]
^_`abº\³
\]
^_`abº²a³ \]
^_`abº²³
\]
^_`abº¶a³ \]
^_`abº¶³
\]
^_`ab²¸a³ \]
^_`ab²¸³
\]
^_`ab²ºa³ \]
^_`ab²º³
\]
^_`ab²¶a³ \]
^_`ab²¶³
\]
^_`ab´^a³ \]
^_`ab´^³
\]
^_`ab´ºa³ \]
^_`ab´º³
\]
^_`abµ^a³ \]
^_`abµ^³
\]
^_`abµ²a³ \]
^_`abµ²³
\]
^_`abµ¶a³ \]
^_`abµ¶³
深圳FMS
Kinter
131
6803
0058


Similar Part No. - 3.0SMCJ9.5A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ9.0 WTE-3.0SMCJ9.0 Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
3.0SMCJ9.0 WTE-3.0SMCJ9.0 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
3.0SMCJ9.0 TSC-3.0SMCJ9.0 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
3.0SMCJ9.0 TSC-3.0SMCJ9.0 Datasheet
279Kb / 4P
   3000 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
3.0SMCJ9.0 PANJIT-3.0SMCJ9.0 Datasheet
112Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3.0SMCJ9.5A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com