Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5952B Datasheet(PDF) 3 Page - Formosa MS

Part # 1N5952B
Description  SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

1N5952B Datasheet(HTML) 3 Page - Formosa MS

  1N5952B Datasheet HTML 1Page - Formosa MS 1N5952B Datasheet HTML 2Page - Formosa MS 1N5952B Datasheet HTML 3Page - Formosa MS 1N5952B Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1234
56257892128314
34
88 1 55
4
613123 171234
568 1
4
634
8239121 5  2753639!"
#4
589
4
62$4
  161
4
6%34
8211 2&26
'
(*(+,-
(+./01
021+,034
.5
<
=
>
?
(*'@
AB
(*'B
C
0(7(+,-0+D6+E,0FE+9GH;
C
?C
AC
'>C
'IC
>CC
L
704
D+9
3+H2.3;
CM
CCC'
CM
'
'
'C
>C
=C
CM
CC'
CM
C'
CM
'
'
'C
'
'C
'CC
'CCC
CM
CCC'
CM
CC'
CM
C'
CM
'
'
=
>
.2D4
.,(NO9N2(03;
6:76F(3:4
-019
VW;
CM
'
'
'C
'CC
'CCC
'CC
'C
E+H0,./F(,E
.2.E+6+04
04
N+
:,N+T2ED
0K*><GH6E4
2E
024
.4
04
,(6F(3+
(*=@
AB
-*CM
<
-*CM
>
-*CM
'
-*CM
C<
-*CM
C>
-*CM
C'
-*C
.XL
YZUY[
X\CM
'WYRX]Q70^Y_
V`[
_
YWaX]WYRb_
cYd
W
`aa[
d
R`e[
Y
L
X`]f[
Y`Q[
Y]gL
^9
(;
M
L
>
665
L

-*
L

L
>
3d
]g[
Y6b[
WYh0K(*JK(9L
;
665
EYaYL
d
L
d
cY6b[
WYh0K(*JK(9L
7
-;
665
0`*'><GH
0`*><GH
55i
4
4
85j5174
7
lmnoq
rs
s
tu
v
v
wwwx
y
z{|z}m|}x
~z|v
€u
‚‚ƒ„…„……ƒ†ƒƒƒ‡
ˆ‰Šu
‚‚ƒ„…„……ƒ†ƒ‡‹‡
Œz~|oŽs
Œ

}}oŒms
o
‘o’“
}oŒms
o ‘o’“
lmnox
Œ”„…‹…‡••
…––†v
–‚v
‡–
…–‡–v
–qv
‡–
—
‹
深圳FMS
Kinter
131
6803
0058


Similar Part No. - 1N5952B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5952B PANJIT-1N5952B Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
EIC discrete Semiconduc...
1N5952B EIC-1N5952B Datasheet
105Kb / 4P
   SILICON ZENER DIODES
logo
Transys Electronics
1N5952B TRSYS-1N5952B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Central Semiconductor C...
1N5952B CENTRAL-1N5952B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
logo
Jinan Gude Electronic D...
1N5952B JGD-1N5952B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
More results

Similar Description - 1N5952B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com