Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMCJ64CA Datasheet(PDF) 3 Page - Formosa MS

Part # 3.0SMCJ64CA
Description  SMD Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

3.0SMCJ64CA Datasheet(HTML) 3 Page - Formosa MS

  3.0SMCJ64CA Datasheet HTML 1Page - Formosa MS 3.0SMCJ64CA Datasheet HTML 2Page - Formosa MS 3.0SMCJ64CA Datasheet HTML 3Page - Formosa MS 3.0SMCJ64CA Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
012
3
456
57
8756
77
9
76
8 6
7
32
3
8776
77 8886
77
9
76

856
7
9332
3
8876
77 8 6
77
9
8 6

86
7
9932
3
86
77 8 6
77
9
86
4
86
7
932
3
8 6
77 856
77
9
86
84 6
7
932
3
8556
77 846
77
9
8 6
7
86
7
9132
3
86
77 8 6
77
9
86
5
5 6
7
932
3
8 6
77 846
77
9
886

46
7
932
3
8 46
77 746
77
9
886
7
6
7
9032
3
84 6
77 76
57
9
876
46
7
332
3
76
77 77
9
46
7
56
7
932
3
86
77  6
7
9
6
7
576
7
32
3
56
77 86
7
9
6
57
6
7
132
3
46
77 746
77
9
6
57
576
7
332
3
6
77 86
77
9
6
7
5 6
7
132
3
486
77 5 6
77
9
6
7
6
7
332
3
556
77 5456
77
9
56
7
5 6
7
!"#$
!
% &''#
()*+),-/0
12346
78
8
9:
;
;
<<<=
>
?@A?B2AB=
C?A;
DEF:
GGHIJIJJHKHHHL
MNO:
GGHIJIJJHKHLPL
Q?CRA4S8T
Q
T
BBR4UQ28
4
V4WX
B4UQ28
4 V4WX
BX
?S
1234=
QYIJJLGLZ
J[[G;
[J;
L[
J[L6;
[6;
[L
Q
P
\]\^_`a
^b]^db`b^_\`a
e_a
^e
hij
k
lmijno
qristk
uljj
usvuw
ij
xw
uxly
uzz{j
|uw
}k
zuzvu~k

k
‚
ƒ„…†‡
ˆ‰Š‹Ž‘Š
Ž’
“
ˆ”•‰Š
’
“
ˆ”•‰Š
–Š—
–˜
Š™
’
˜
‹™
’
š
›–Š—
œœ
’
œœ
’
–ž›
–
Ÿ
 ¡
–
¢£¡
–
‰
¢£¡
¤‰
¢£¡
‰
¢£¡
–
’
“
ˆ”•‰Š
Ž’
“
ˆ”•‰Š
Ž“
’¥¦¢š
¢ž§
¨š
Ÿ
©§
Ÿ
ž©
ª«««¬ ª®
«¯°±²¯³´
µ
³¶
·¸
¹º»¼½¾¿¼À ·¸
¹º»¼½¾¿À
·¸
¹º»¼½Á¹¼À ·¸
¹º»¼½Á¹À
·¸
¹º»¼½Â¹¹¼À ·¸
¹º»¼½Â¹¹À
·¸
¹º»¼½Â¹¼À ·¸
¹º»¼½Â¹À
·¸
¹º»¼½Âù¼À ·¸
¹º»¼½ÂùÀ
·¸
¹º»¼½Â·¹¼À ·¸
¹º»¼½Â·¹À
·¸
¹º»¼½Â¿¹¼À ·¸
¹º»¼½Â¿¹À
·¸
¹º»¼½ÂĹ¼À ·¸
¹º»¼½ÂĹÀ
·¸
¹º»¼½ÂŹ¼À ·¸
¹º»¼½ÂŹÀ
·¸
¹º»¼½Â¾¹¼À ·¸
¹º»¼½Â¾¹À
·¸
¹º»¼½Ã¹¹¼À ·¸
¹º»¼½Ã¹¹À
·¸
¹º»¼½Ã¹¼À ·¸
¹º»¼½Ã¹À
·¸
¹º»¼½Ãù¼À ·¸
¹º»¼½ÃùÀ
·¸
¹º»¼½Ã¿¹¼À ·¸
¹º»¼½Ã¿¹À
·¸
¹º»¼½·¹¹¼À ·¸
¹º»¼½·¹¹À
·¸
¹º»¼½·¿¹¼À ·¸
¹º»¼½·¿¹À
·¸
¹º»¼½Æ¹¹¼À ·¸
¹º»¼½Æ¹¹À
深圳FMS
Kinter
131
6803
0058


Similar Part No. - 3.0SMCJ64CA

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ64CA WTE-3.0SMCJ64CA Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
3.0SMCJ64CA WTE-3.0SMCJ64CA Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
3.0SMCJ64CA MDE-3.0SMCJ64CA Datasheet
117Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ64CA DIOTECH-3.0SMCJ64CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ64CA EIC-3.0SMCJ64CA Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3.0SMCJ64CA

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com