Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU3412PBF Datasheet(PDF) 5 Page - Kersemi Electronic Co., Ltd.

Part # IRFU3412PBF
Description  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU3412PBF Datasheet(HTML) 5 Page - Kersemi Electronic Co., Ltd.

  IRFU3412PBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFU3412PBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFU3412PBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU3412PBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU3412PBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU3412PBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU3412PBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFU3412PBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFU3412PBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRFR/U3412PbF
www.kersemi.com
5
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
VGS
+
-V
DD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
Notes:
1. Duty factor D =
t / t
2. Peak T
= P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
25
50
75
100
125
150
175
0
10
20
30
40
50
T , Case Temperature
( C)
°
C
LIMITED BY PACKAGE


Similar Part No. - IRFU3412PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3412PBF IRF-IRFU3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFU3412PBF KERSEMI-IRFU3412PBF Datasheet
3Mb / 10P
   SMPS MOSFET
More results

Similar Description - IRFU3412PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com