Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4312 Datasheet(PDF) 3 Page - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4312
Description  36V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd

AO4312 Datasheet(HTML) 3 Page - shenzhen wanhexing Electronics Co.,Ltd

  AO4312 Datasheet HTML 1Page - shenzhen wanhexing Electronics Co.,Ltd AO4312 Datasheet HTML 2Page - shenzhen wanhexing Electronics Co.,Ltd AO4312 Datasheet HTML 3Page - shenzhen wanhexing Electronics Co.,Ltd AO4312 Datasheet HTML 4Page - shenzhen wanhexing Electronics Co.,Ltd AO4312 Datasheet HTML 5Page - shenzhen wanhexing Electronics Co.,Ltd AO4312 Datasheet HTML 6Page - shenzhen wanhexing Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AO4312
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
0
20
40
60
80
100
0
1
2
3
4
5
6
V
GS(Volts)
Figure 2: Transfer Characteristics (Note E)
0
2
4
6
8
10
12
14
16
18
0
5
10
15
20
25
30
I
D (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage (Note E)
0.8
1
1.2
1.4
1.6
1.8
2
0
25
50
75
100
125
150
175
200
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
V
GS=4.5V
I
D=20A
V
GS=10V
I
D=20A
25°C
125°C
V
DS=5V
V
GS=4.5V
V
GS=10V
0
20
40
60
80
100
0
1
2
3
4
5
V
DS (Volts)
Fig 1: On-Region Characteristics (Note E)
V
GS=2.5V
3V
4V
4.5V
10V
3.5V
40
0
20
40
60
80
100
0
1
2
3
4
5
6
V
GS(Volts)
Figure 2: Transfer Characteristics (Note E)
0
2
4
6
8
10
12
14
16
18
0
5
10
15
20
25
30
I
D (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage (Note E)
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
SD (Volts)
Figure 6: Body-Diode Characteristics (Note E)
25°C
125°C
0.8
1
1.2
1.4
1.6
1.8
2
0
25
50
75
100
125
150
175
200
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
V
GS=4.5V
I
D=20A
V
GS=10V
I
D=20A
0
3
6
9
12
2
4
6
8
10
V
GS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
(Note E)
25°C
125°C
V
DS=5V
V
GS=4.5V
V
GS=10V
I
D=20A
25°C
125°C
0
20
40
60
80
100
0
1
2
3
4
5
V
DS (Volts)
Fig 1: On-Region Characteristics (Note E)
V
GS=2.5V
3V
4V
4.5V
10V
3.5V
Rev 0: December 2010
www.aosmd.com
Page 3 of 6
万和兴电子有限公司 www.whxpcb.com


Similar Part No. - AO4312

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4312 AOSMD-AO4312 Datasheet
581Kb / 6P
   36V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4312 KEXIN-AO4312 Datasheet
2Mb / 5P
   N-Channel MOSFET
AO4312-HF KEXIN-AO4312-HF Datasheet
2Mb / 5P
   N-Channel MOSFET
More results

Similar Description - AO4312

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4314 AOSMD-AO4314 Datasheet
576Kb / 6P
   36V N-Channel MOSFET
AO4312 AOSMD-AO4312 Datasheet
581Kb / 6P
   36V N-Channel MOSFET
AO4310 AOSMD-AO4310 Datasheet
540Kb / 6P
   36V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4310 WHXPCB-AO4310 Datasheet
2Mb / 6P
   36V N-Channel MOSFET
AO4314 WHXPCB-AO4314 Datasheet
2Mb / 6P
   36V N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com