Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2EZ22D5 Datasheet(PDF) 1 Page - Formosa MS

Part # 2EZ22D5
Description  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

2EZ22D5 Datasheet(HTML) 1 Page - Formosa MS

  2EZ22D5 Datasheet HTML 1Page - Formosa MS 2EZ22D5 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2EZ Series
SILICON ZENER DIODES
VZ : 3.6 - 200 Volts
PD : 2 Watts
FEATURES :
* Complete Voltage Range 3.6 to 200 Volts
* High peak reverse power dissipation
* High reliability
* Low leakage current
MECHANICAL DATA
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.339 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Rating
Symbol
Value
Unit
DC Power Dissipation at TL = 75
°C (Note1)
PD
2.0
Watts
Maximum Forward Voltage at IF = 200 mA
VF
1.2
Volts
Maximum Thermal Resistance Junction to Ambient Air (Note2)
R
θJA
60
K / W
Junction Temperature Range
TJ
- 55 to + 175
°C
Storage Temperature Range
Ts
- 55 to + 175
°C
Note :
(1) TL = Lead temperature at 3/8 " (9.5mm) from body
(2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case.
0
25
50
75
100
125
150
175
TL, LEAD TEMPERATURE (
°C)
0.5
1.0
1.5
2.0
2.5
L = 3/8" (9.5mm)
Fig. 1 POWER TEMPERATURE DERATING CURVE
0
wxyzx{|~
Š‹Œ
Ž
Š
‘’“
”’“
’
’–—‘“˜’™š

›
›

‘œ
‘
“ž
ŽŸ
 š
¡¢Ÿ
ž
£¤
¥Ÿ
ŽŸ
 š
¡¢Ÿ
ž
£¤
¥Ÿ
Ÿ
¡ ¢š
¢Ÿ
¡ž
Ÿ
Ž¦¦š
Ÿ
¡ž
Ÿ
 §š
Ÿ
¨ž
Ÿ
 ¡©š
Ÿ
ªž
Ÿ
Ž ªš
¡Ÿ
ªž
Ÿ
 © š
¡Ÿ
 ž
Š¤
«Ÿ
Š¤
«Ÿ
´µ¶·¹
»¼
¼
½¾
¿
¿
ÀÀÀÁ
Â
ÃÄÅÃƵÅÆÁ
ÇÃÅ¿
ÈÉʾ
ËËÌÍÎÍÎÎÌÏÌÌ̹
ÐÑÒ¾
ËËÌÍÎÍÎÎÌÏ̹ӹ
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121623
2008/02/10
2010/03/10
E
2
深圳FMS
Kinter
131
6803
0058


Similar Part No. - 2EZ22D5

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
2EZ22D5 EIC-2EZ22D5 Datasheet
27Kb / 2P
   SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
2EZ22D5 LUGUANG-2EZ22D5 Datasheet
1Mb / 2P
   2W Silicon Zener Diodes
logo
SynSemi, Inc.
2EZ22D5 SYNSEMI-2EZ22D5 Datasheet
37Kb / 2P
   SILICON ZENER DIODES
logo
First Silicon Co., Ltd
2EZ22D5 FS-2EZ22D5 Datasheet
85Kb / 2P
   Vz : 3.6 - 200 Volts, PD : 2 Watts
logo
Diotech Company.
2EZ22D5 DIOTECH-2EZ22D5 Datasheet
650Kb / 3P
   2W SILICON ZENER DIODE
More results

Similar Description - 2EZ22D5

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com