Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU3303PBF Datasheet(PDF) 7 Page - Kersemi Electronic Co., Ltd.

Part # IRFU3303PBF
Description  ULTRA LOW ON-RESISTANCE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU3303PBF Datasheet(HTML) 7 Page - Kersemi Electronic Co., Ltd.

Back Button IRFU3303PBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFU3303PBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU3303PBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU3303PBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU3303PBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU3303PBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFU3303PBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFU3303PBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRFU3303PBF Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRFR/U3303PbF
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
* VGS = 5V for Logic Level Devices
ƒ
„
‚
RG
VDD
• dv/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

*
Fig 14. For N-Channel HEXFETS
Peak Diode Recovery dv/dt Test Circuit


Similar Part No. - IRFU3303PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3303PBF IRF-IRFU3303PBF Datasheet
251Kb / 10P
   HEXFET Power MOSFET
IRFU3303PBF IRF-IRFU3303PBF Datasheet
256Kb / 11P
   Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com