Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU2607ZPBF Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # IRFU2607ZPBF
Description  AUTOMOTIVE MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU2607ZPBF Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRFU2607ZPBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFU2607ZPBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFU2607ZPBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU2607ZPBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU2607ZPBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU2607ZPBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU2607ZPBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFU2607ZPBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFU2607ZPBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRFR/U2607ZPbF
2
www.kersemi.com
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
75
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.074
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
17.6
22
m
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
gfs
Forward Transconductance
36
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Qg
Total Gate Charge
–––
34
51
Qgs
Gate-to-Source Charge
–––
8.9
–––
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
14
–––
td(on)
Turn-On Delay Time
–––
14
–––
tr
Rise Time
–––
59
–––
td(off)
Turn-Off Delay Time
–––
39
–––
ns
tf
Fall Time
–––
28
–––
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
1440
–––
Coss
Output Capacitance
–––
190
–––
Crss
Reverse Transfer Capacitance
–––
110
–––
pF
Coss
Output Capacitance
–––
720
–––
Coss
Output Capacitance
–––
130
–––
Coss eff.
Effective Output Capacitance
–––
230
–––
Source-Drain Ratings and Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
45
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
180
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
30
45
ns
Qrr
Reverse Recovery Charge
–––
28
42
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VGS = 20V
VGS = -20V
VDS = 60V
VDS = 25V, ID = 30A
ID = 30A
Conditions
VGS = 10V
e
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = 60V, ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 60V
f
MOSFET symbol
showing the
integral reverse
p-n junction diode.
TJ = 25°C, IS = 30A, VGS = 0V e
TJ = 25°C, IF = 30A, VDD = 38V
di/dt = 100A/µs
e
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 30A
e
VDS = VGS, ID = 50µA
VDS = 75V, VGS = 0V
VDS = 75V, VGS = 0V, TJ = 125°C
VGS = 10V
e
VDD = 38V
ID = 30A
RG = 15 Ω


Similar Part No. - IRFU2607ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU2607ZPBF IRF-IRFU2607ZPBF Datasheet
352Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFU2607ZPBF KERSEMI-IRFU2607ZPBF Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
IRFU2607ZPBF KERSEMI-IRFU2607ZPBF Datasheet
4Mb / 11P
   Advanced Process Technology
logo
International Rectifier
IRFU2607ZPBF IRF-IRFU2607ZPBF Datasheet
342Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRFU2607ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF2804S-7P IRF-IRF2804S-7P Datasheet
263Kb / 10P
   AUTOMOTIVE MOSFET
IIRLR3105 IRF-IIRLR3105 Datasheet
169Kb / 8P
   AUTOMOTIVE MOSFET
IRF540ZL IRF-IRF540ZL Datasheet
310Kb / 12P
   AUTOMOTIVE MOSFET
IRF3205Z IRF-IRF3205Z Datasheet
303Kb / 12P
   AUTOMOTIVE MOSFET
IRLR2908 IRF-IRLR2908 Datasheet
206Kb / 11P
   AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
   AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
logo
International Rectifier
IRF1405Z IRF-IRF1405Z Datasheet
291Kb / 12P
   AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
   AUTOMOTIVE MOSFET
IRLU2905Z IRF-IRLU2905Z Datasheet
217Kb / 11P
   AUTOMOTIVE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com