Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP15N05L Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # RFP15N05L
Description  15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RFP15N05L Datasheet(HTML) 4 Page - Fairchild Semiconductor

  RFP15N05L Datasheet HTML 1Page - Fairchild Semiconductor RFP15N05L Datasheet HTML 2Page - Fairchild Semiconductor RFP15N05L Datasheet HTML 3Page - Fairchild Semiconductor RFP15N05L Datasheet HTML 4Page - Fairchild Semiconductor RFP15N05L Datasheet HTML 5Page - Fairchild Semiconductor RFP15N05L Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
©2002 Fairchild Semiconductor Corporation
RFP15N05L, RFP15N06L Rev. B
FIGURE 7. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 8. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Fairchild Application Notes AN7254 and AN7260.
FIGURE 9. NORMALIZED SWITCHING WAVEFORMS FOR CONSTANT GATE CURRENT
Test Circuits and Waveforms
FIGURE 10. SWITCHING TIME TEST CIRCUIT
FIGURE 11. RESISTIVE SWITCHING WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
VGS = VDS
ID = 250µA
1.4
1.2
1
0.8
0.6
-50
0
50
100
150
200
TJ, JUNCTION TEMPERATURE (
oC)
1600
1400
1200
1000
800
600
400
200
0
0
1020
304050
VDS, DRAIN TO SOURCE VOLTAGE (V)
CRSS
COSS
CISS
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
60
45
30
15
0
10
8
6
4
2
0
GATE SOURCE
VOLTAGE
RL = 4Ω
IG(REF) = 0.5mA
VGS = 5V
DRAIN SOURCE VOLTAGE
IG (REF)
IG (ACT)
20
IG (REF)
IG (ACT)
80
t, TIME (
µs)
BVDSS
VDD = BVDSS
VDD = BVDSS
0.75BVDSS
0.50BVDSS
0.25BVDSS
VGS
RL
RG
DUT
+
-
VDD
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
RFP15N05L, RFP15N06L


Similar Part No. - RFP15N05L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP15N05L INTERSIL-RFP15N05L Datasheet
40Kb / 5P
   15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
List of Unclassifed Man...
RFP15N05L ETC-RFP15N05L Datasheet
227Kb / 4P
   POWER LOGIC LEVEL MOSFETS
logo
New Jersey Semi-Conduct...
RFP15N05L NJSEMI-RFP15N05L Datasheet
95Kb / 2P
   Power Logic Level MOSFETs
RFP15N05L NJSEMI-RFP15N05L Datasheet
151Kb / 2P
   Power Logic Level MOSFETs
logo
VBsemi Electronics Co.,...
RFP15N05L VBSEMI-RFP15N05L Datasheet
1Mb / 8P
   N-Channel 60 V(D-S) MOSFET
More results

Similar Description - RFP15N05L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP15N05L INTERSIL-RFP15N05L Datasheet
40Kb / 5P
   15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
RFP4N05L INTERSIL-RFP4N05L Datasheet
35Kb / 5P
   4A, 50V and 60V, 0.800 Ohm, Logic Level, N-Channel Power MOSFETs
RFD15N06LE INTERSIL-RFD15N06LE Datasheet
95Kb / 8P
   15A, 60V, 0.065 Ohm, ESD Rated, Logic Level, N-Channel Power MOSFETs
RFD14N06L INTERSIL-RFD14N06L Datasheet
83Kb / 8P
   14A, 60V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFD4N06L INTERSIL-RFD4N06L Datasheet
38Kb / 5P
   4A, 60V, 0.600 Ohm, Logic Level, N-Channel Power MOSFETs
RFD14N05L INTERSIL-RFD14N05L Datasheet
74Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFG50N05L INTERSIL-RFG50N05L Datasheet
51Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Austin Semiconductor
RFP50N05L AUSTIN-RFP50N05L_04 Datasheet
157Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD3055LE INTERSIL-RFD3055LE Datasheet
86Kb / 8P
   11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
RFG50N06LE INTERSIL-RFG50N06LE Datasheet
412Kb / 8P
   50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com