Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU1205PBF Datasheet(PDF) 9 Page - Kersemi Electronic Co., Ltd.

Part # IRFU1205PBF
Description  ULTRA LOW ON-RESISTANCE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU1205PBF Datasheet(HTML) 9 Page - Kersemi Electronic Co., Ltd.

Back Button IRFU1205PBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFU1205PBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU1205PBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU1205PBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU1205PBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU1205PBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFU1205PBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFU1205PBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRFU1205PBF Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRFR/U1205PbF
www.kersemi.com
9
I-Pak (TO-251AA) Package Outline (Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
AS SE MBLY
EXAMPLE:
WIT H ASSE MB LY
T HIS IS AN IRF U120
YEAR 9 = 1999
DAT E CODE
LINE A
WEE K 19
IN T HE ASS EMBLY LINE "A"
ASS EMBLED ON WW 19, 1999
LOT CODE 5678
PART NUMBER
56
IRFU120
INT E RNAT IONAL
LOGO
RECT IF IER
LOT CODE
919A
78
Note: "P" in as s embly line
pos ition indicates "Lead-Free"
OR
56
78
ASS EMB LY
LOT CODE
RECT IFIER
LOGO
INT ERNAT IONAL
IRFU120
PART NUMBER
WEEK 19
DAT E CODE
YEAR 9 = 1999
A = ASSEMB LY SIT E CODE
P = DES IGNAT ES LEAD-F REE
PRODUCT (OPT IONAL)


Similar Part No. - IRFU1205PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU1205PBF IRF-IRFU1205PBF Datasheet
397Kb / 11P
   HEXFET Power MOSFET
logo
VBsemi Electronics Co.,...
IRFU1205PBF VBSEMI-IRFU1205PBF Datasheet
995Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - IRFU1205PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com