Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-21479KCPZ-1A Datasheet(PDF) 6 Page - Analog Devices

Part # ADSP-21479KCPZ-1A
Description  SHARC Processor
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21479KCPZ-1A Datasheet(HTML) 6 Page - Analog Devices

Back Button ADSP-21479KCPZ-1A Datasheet HTML 2Page - Analog Devices ADSP-21479KCPZ-1A Datasheet HTML 3Page - Analog Devices ADSP-21479KCPZ-1A Datasheet HTML 4Page - Analog Devices ADSP-21479KCPZ-1A Datasheet HTML 5Page - Analog Devices ADSP-21479KCPZ-1A Datasheet HTML 6Page - Analog Devices ADSP-21479KCPZ-1A Datasheet HTML 7Page - Analog Devices ADSP-21479KCPZ-1A Datasheet HTML 8Page - Analog Devices ADSP-21479KCPZ-1A Datasheet HTML 9Page - Analog Devices ADSP-21479KCPZ-1A Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
Rev. C
|
Page 6 of 76
|
July 2013
ADSP-21477/ADSP-21478/ADSP-21479
bits within the 48-bit instruction to create more efficient and
compact code. The program sequencer supports fetching these
16-bit and 32-bit instructions from both internal and external
SDRAM memory. This support is not extended to the asynchro-
nous memory interface (AMI). Source modules need to be built
using the VISA option, in order to allow code generation tools
to create these more efficient opcodes.
On-Chip Memory
The processors contain varying amounts of internal RAM and
internal ROM which is shown in Table 3 through Table 5. Each
block can be configured for different combinations of code and
data storage. Each memory block supports single-cycle, inde-
pendent accesses by the core processor and I/O processor.
The processor’s SRAM can be configured as a maximum of
160k words of 32-bit data, 320k words of 16-bit data, 106.7k
words of 48-bit instructions (or 40-bit data), or combinations of
different word sizes up to 5M bits. All of the memory can be
accessed as 16-bit, 32-bit, 48-bit, or 64-bit words. A 16-bit
floating-point storage format is supported that effectively dou-
bles the amount of data that may be stored on-chip. Conversion
between the 32-bit floating-point and 16-bit floating-point
formats is performed in a single instruction. While each mem-
ory block can store combinations of code and data, accesses are
most efficient when one block stores data using the DM bus for
transfers, and the other block stores instructions and data using
the PM bus for transfers.
Using the DM bus and PM buses, with one bus dedicated to a
memory block, assures single-cycle execution with two data
transfers. In this case, the instruction must be available in the
cache.
The memory maps in Table 3 through Table 5 display the inter-
nal memory address space of the processors. The 48-bit space
section describes what this address range looks like to an
instruction that retrieves 48-bit memory. The 32-bit section
describes what this address range looks like to an instruction
that retrieves 32-bit memory.
Table 3. ADSP-21477 Internal Memory Space (2M bits)
IOP Registers 0x0000 0000–0x0003 FFFF
Long Word (64 Bits)
Extended Precision Normal or
Instruction Word (48 Bits)
Normal Word (32 Bits)
Short Word (16 Bits)
Block 0 ROM (Reserved)
0x0004 0000–0x0004 7FFF
Block 0 ROM (Reserved)
0x0008 0000–0x0008 AAA9
Block 0 ROM (Reserved)
0x0008 0000–0x0008 FFFF
Block 0 ROM (Reserved)
0x0010 0000–0x0011 FFFF
Reserved
0x0004 8000–0x0004 8FFF
Reserved
0x0008 AAAA–0x0008 BFFF
Reserved
0x0009 0000–0x0009 1FFF
Reserved
0x0012 0000–0x0012 FFFF
Block 0 SRAM
0x0004 9000–0x0004 BFFF
Block 0 SRAM
0x0008 C000–0x0008 FFFF
Block 0 SRAM
0x0009 2000–0x0009 7FFF
Block 0 SRAM
0x0012 4000–0x0012 FFFF
Reserved
0x0004 C000–0x0004 FFFF
Reserved
0x0009 000–0x0009 5554
Reserved
0x0009 8000–0x0009 FFFF
Reserved
0x0013 0000–0x0013 FFFF
Block 1 ROM (Reserved)
0x0005 0000–0x0005 7FFF
Block 1 ROM (Reserved)
0x000A 0000–0x000A AAA9
Block 1 ROM (Reserved)
0x000A 0000–0x000AFFFF
Block 1 ROM (Reserved)
0x0014 0000–0x0015 FFFF
Reserved
0x0005 8000–0x0005 8FFF
Reserved
0x000A AAAA–0x000A BFFF
Reserved
0x000B 0000–0x000B 1FFF
Reserved
0x0016 0000–0x0016 3FFF
Block 1 SRAM
0x0005 9000–0x0005 BFFF
Block 1 SRAM
0x000A C000–0x000A FFFF
Block 1 SRAM
0x000B 2000–0x000B 7FFF
Block 1 SRAM
0x0016 4000–0x0016 FFFF
Reserved
0x0005 C000–0x0005 FFFF
Reserved
0x000B 0000–0x000B 5554
Reserved
0x000B 8000–0x000B FFFF
Reserved
0x0017 0000–0x0017 FFFF
Block 2 SRAM
0x0006 0000–0x0006 0FFF
Block 2 SRAM
0x000C 0000–0x000C 1554
Block 2 SRAM
0x000C 0000–0x000C 1FFF
Block 2 SRAM
0x0018 0000–0x0018 3FFF
Reserved
0x0006 1000– 0x0006 FFFF
Reserved
0x000C 1555–0x000D 5554
Reserved
0x000C 2000–0x000D FFFF
Reserved
0x0018 4000–0x001B FFFF
Block 3 SRAM
0x0007 0000–0x0007 0FFF
Block 3 SRAM
0x000E 0000–0x000E 1554
Block 3 SRAM
0x000E 0000–0x000E 1FFF
Block 3 SRAM
0x001C 0000–0x001C 3FFF
Reserved
0x0007 1000–0x0007 FFFF
Reserved
0x000E 1555–0x000F 5554
Reserved
0x000E 2000–0x000F FFFF
Reserved
0x001C 4000–0x001F FFFF


Similar Part No. - ADSP-21479KCPZ-1A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21479 AD-ADSP-21479 Datasheet
1Mb / 76P
   SHARC Processor
REV. B
More results

Similar Description - ADSP-21479KCPZ-1A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21060KS-160 AD-ADSP-21060KS-160 Datasheet
817Kb / 64P
   SHARC Processor
Rev. F
ADSP-21469BBCZ-3 AD-ADSP-21469BBCZ-3 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
ADSP-21364 AD-ADSP-21364 Datasheet
853Kb / 52P
   SHARC Processor
Rev. PrB
ADSP-21375 AD-ADSP-21375 Datasheet
1Mb / 42P
   SHARC Processor
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com