Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG439FBRZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADG439FBRZ
Description  High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG439FBRZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG439FBRZ Datasheet HTML 4Page - Analog Devices ADG439FBRZ Datasheet HTML 5Page - Analog Devices ADG439FBRZ Datasheet HTML 6Page - Analog Devices ADG439FBRZ Datasheet HTML 7Page - Analog Devices ADG439FBRZ Datasheet HTML 8Page - Analog Devices ADG439FBRZ Datasheet HTML 9Page - Analog Devices ADG439FBRZ Datasheet HTML 10Page - Analog Devices ADG439FBRZ Datasheet HTML 11Page - Analog Devices ADG439FBRZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG438F/ADG439F
Rev. E | Page 8 of 16
100
10
0.01
45
55
25
65
75
85
95
105
35
1
115
125
0.1
TEMPERATURE (°C)
VDD = +15V
VSS = –15V
VD = +10V
VS = –10V
IS (OFF)
ID (ON)
ID (OFF)
Figure 11. Leakage Currents as a Function of Temperature
260
240
100
10
11
12
13
14
15
120
tON (EN)
220
200
180
160
140
POWER SUPPLY (V)
tTRANSITION
tOFF (EN)
Figure 12. Switching Time vs. Dual Power Supply
300
0
–40
–20
0
20
40
60
80
100
120
50
250
200
150
100
TEMPERATURE (°C)
tTRANSITION
tON (EN)
tOFF (EN)
VDD = +15V
VSS = –15V
Figure 13. Switching Time vs. Temperature
–120
–100
–80
–60
–40
–20
0
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1G
1k
TA = 25°C
VDD = +15V
VSS = –15V
Figure 14. Off Isolation vs. Frequency, ±15 V Dual Supply
0
5
10
15
20
25
30
35
40
–15
–10
–5
0
5
10
15
VS (V)
TA = 25°C
VDD = +15V
VSS = –15V
DRAIN OFF
SOURCE OFF
Figure 15. Capacitance vs. Source Voltage
–30
–20
–10
0
10
20
30
–15
–10
–5
0
5
10
15
VS (V)
VDD = +15V
VSS = –15V
TA = 25°C
Figure 16. Charge Injection vs. Source Voltage


Similar Part No. - ADG439FBRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG439FBR AD-ADG439FBR Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG439FBRW AD-ADG439FBRW Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
More results

Similar Description - ADG439FBRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG438F AD-ADG438F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG439F AD-ADG439F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG508F AD-ADG508F Datasheet
170Kb / 12P
   4/8 Channel Fault-Protected Analog Multiplexers
REV. C
ADG508FBRNZ AD-ADG508FBRNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRWZ-REEL AD-ADG509FBRWZ-REEL Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRNZ AD-ADG509FBRNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
logo
Maxim Integrated Produc...
MAX354 MAXIM-MAX354 Datasheet
130Kb / 12P
   Fault-Protected Analog Multiplexers
Rev. 2; 9/96
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com