Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9266BCPZ-80 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9266BCPZ-80
Description  16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9266BCPZ-80 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9266BCPZ-80 Datasheet HTML 7Page - Analog Devices AD9266BCPZ-80 Datasheet HTML 8Page - Analog Devices AD9266BCPZ-80 Datasheet HTML 9Page - Analog Devices AD9266BCPZ-80 Datasheet HTML 10Page - Analog Devices AD9266BCPZ-80 Datasheet HTML 11Page - Analog Devices AD9266BCPZ-80 Datasheet HTML 12Page - Analog Devices AD9266BCPZ-80 Datasheet HTML 13Page - Analog Devices AD9266BCPZ-80 Datasheet HTML 14Page - Analog Devices AD9266BCPZ-80 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD9266
Rev. A | Page 11 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
AD9266-80
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS, 50% duty
cycle clock, DCS disabled, unless otherwise noted.
0
–140
–20
–40
–60
–80
–100
–120
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
80MSPS
9.7MHz @ –1dBFS
SNR = 76.8dB (77.8dBFS)
SFDR = 94.3dBc
Figure 4. AD9266-80 Single-Tone FFT with fIN = 9.7 MHz
0
–140
–20
–40
–60
–80
–100
–120
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
80MSPS
69MHz @ –1dBFS
SNR = 75.1dB (76.1dBFS)
SFDR = 89.5dBc
Figure 5. AD9266-80 Single-Tone FFT with fIN = 69 MHz
0
–15
–30
–45
–60
–90
–75
–105
–120
–135
4
8
12
16
20
24
28
32
36
FREQUENCY (MHz)
F2 – F1
F1 + F2
2F1 – F2
2F2 + F1
2F1 + F2
2F2 – F1
80MSPS
28.3MHz @ –7dBFS
30.6MHz @ –7dBFS
SFDR = 89.5dBc (96.5dBFS)
Figure 6. AD9266-80 Two-Tone FFT with fIN1 = 28.3 MHz and fIN2 = 30.6 MHz
0
–140
–20
–40
–60
–80
–100
–120
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
80MSPS
30.6MHz @ –1dBFS
SNR = 76.5dB (77.5dBFS)
SFDR = 85.7dBc
Figure 7. AD9266-80 Single-Tone FFT with fIN = 30.6 MHz
0
–140
–20
–40
–60
–80
–100
–120
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
80MSPS
210MHz @ –1dBFS
SNR = 70dB (71dBFS)
SFDR = 79.7dBc
Figure 8. AD9266-80 Single-Tone FFT with fIN = 210 MHz
10
–30
–10
–50
–70
–90
–110
–130
–95
–65
–75
–85
–55
–45
–35
–25
–15
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
Figure 9. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with fIN1 = 28.3 MHz
and fIN2 = 30.6 MHz


Similar Part No. - AD9266BCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9266BCPZ-80 AD-AD9266BCPZ-80 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9266BCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629_17 Datasheet
906Kb / 33P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9629BCPZ-80 AD-AD9629BCPZ-80 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231 Datasheet
1Mb / 36P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231_17 Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com