Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUP4114 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NUP4114
Description  Transient Voltage Suppressors ESD Protection Diodes with Low
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP4114 Datasheet(HTML) 1 Page - ON Semiconductor

  NUP4114 Datasheet HTML 1Page - ON Semiconductor NUP4114 Datasheet HTML 2Page - ON Semiconductor NUP4114 Datasheet HTML 3Page - ON Semiconductor NUP4114 Datasheet HTML 4Page - ON Semiconductor NUP4114 Datasheet HTML 5Page - ON Semiconductor NUP4114 Datasheet HTML 6Page - ON Semiconductor NUP4114 Datasheet HTML 7Page - ON Semiconductor NUP4114 Datasheet HTML 8Page - ON Semiconductor NUP4114 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2012
May, 2012 − Rev. 2
1
Publication Order Number:
NUP4114/D
NUP4114 Series,
SZNUP4114HMR6T1G
Transient Voltage
Suppressors
ESD Protection Diodes with Low
Clamping Voltage
The NUP4114 transient voltage suppressors are designed to protect
high speed data lines from ESD. Ultra−low capacitance and high level
of ESD protection make these devices well suited for use in USB 2.0
high speed applications.
Features
Low Clamping Voltage
Small Body Outline Dimensions on SC−88 Package:
0.082
″ x 0.078″ (2.10 mm x 1.25 mm)
Low Body Height: 0.043″ (1.10 mm)
Stand−off Voltage: 5.5 V
Low Leakage
Response Time is Typically < 1.0 ns
IEC61000−4−2 Level 4 ESD Protection
These Devices are Pb−Free and are RoHS Compliant
AEC−Q101 Qualified and PPAP Capable − SZNUP4114
SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements
Typical Applications
LVDS
USB 2.0 High Speed Data Line and Power Line Protection
Digital Video Interface (DVI) and HDMI
Monitors and Flat Panel Displays
High Speed Communication Line Protection
Notebook Computers
Gigabit Ethernet
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Operating Junction Temperature Range
TJ
−40 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Lead Solder Temperature −
Maximum (10 Seconds)
TL
260
°C
IEC 61000−4−2 (ESD)
Contact
Air
±8
±15
kV
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
See Application Note AND8308/D for further description of survivability specs.
http://onsemi.com
MARKING
DIAGRAMS
X2 MG
G
XXX = Specific Device Code
M
= Date Code
G
= Pb−Free Package
1
6
1
SC−88
W1 SUFFIX
CASE 419B
(Note: Microdot may be in either location)
5
3
6
2
1
4
X4 MG
G
1
6
1
SC−88
W1 SUFFIX
CASE 419B
P4H MG
G
1
6
TSOP−6
CASE 318G
STYLE 12
1
SOT−563
CASE 463A
P4MG
G
1
1
6
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NUP4114

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP4114 ONSEMI-NUP4114 Datasheet
138Kb / 9P
   Transient Voltage Suppressors
September, 2014 ??Rev. 3
NUP4114HMR6 ONSEMI-NUP4114HMR6 Datasheet
198Kb / 9P
   Transient Voltage Suppressors Low Capacitance ESD Protection for High Speed Data Lines
January, 2010 ??Rev. 3
NUP4114HMR6 ONSEMI-NUP4114HMR6 Datasheet
169Kb / 9P
   Transient Voltage Suppressors
May, 2011 ??Rev. 4
NUP4114HMR6T1G ONSEMI-NUP4114HMR6T1G Datasheet
198Kb / 9P
   Transient Voltage Suppressors Low Capacitance ESD Protection for High Speed Data Lines
January, 2010 ??Rev. 3
NUP4114HMR6T1G ONSEMI-NUP4114HMR6T1G Datasheet
169Kb / 9P
   Transient Voltage Suppressors
May, 2011 ??Rev. 4
More results

Similar Description - NUP4114

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SRV05-4MR6 ONSEMI-SRV05-4MR6 Datasheet
183Kb / 9P
   Transient Voltage Suppressors ESD Protection Diodes with Low Clamping Voltage
November, 2009 ??Rev. 0
logo
Shanghai Shunye Electro...
ESD5Z5V0C SY-ESD5Z5V0C Datasheet
298Kb / 2P
   Transient Voltage Suppressors ESD Protection Diodes
logo
AiT Semiconductor Inc.
ESD8L5.0 AITSEMI-ESD8L5.0 Datasheet
500Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSORS ESD PROTECTION DIODES WITH ULTRA-LOW CAPACITANCE
REV1.1
logo
Surge Components
SLESD5L5.0CT1G SURGE-SLESD5L5.0CT1G Datasheet
1Mb / 4P
   Transient Voltage Suppressors ESD Protection Diodes with ultra-low capacitance
logo
First Silicon Co., Ltd
FTV3.3LBUL2 FS-FTV3.3LBUL2 Datasheet
484Kb / 4P
   Transient Voltage Suppressors ESD Protection Diodes with Ultra ??Low Capacitance
FTV05LUT FS-FTV05LUT Datasheet
604Kb / 4P
   Transient Voltage Suppressors for ESD Protection ESD Protection Diodes with Ultra Capacitance
FTV3.3LUT FS-FTV3.3LUT Datasheet
605Kb / 4P
   Transient Voltage Suppressors for ESD Protection ESD Protection Diodes with Ultra Capacitance
FTVL3.3UUL2 FS-FTVL3.3UUL2 Datasheet
491Kb / 4P
   Transient Voltage Suppressors for ESD Protection ESD Protection Diodes with Ultra Capacitance
logo
ON Semiconductor
ESD5482MUT5G ONSEMI-ESD5482MUT5G Datasheet
121Kb / 5P
   Transient Voltage Suppressors Micro.Packaged Diodes for ESD Protection
October, 2012 ??Rev. 0
ESD5484FCT5G ONSEMI-ESD5484FCT5G Datasheet
132Kb / 6P
   Transient Voltage Suppressors Micro.Packaged Diodes for ESD Protection
June, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com