Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTST20100CTG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTST20100CTG
Description  Very Low Forward Voltage Trench-based Schottky Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTST20100CTG Datasheet(HTML) 3 Page - ON Semiconductor

  NTST20100CTG Datasheet HTML 1Page - ON Semiconductor NTST20100CTG Datasheet HTML 2Page - ON Semiconductor NTST20100CTG Datasheet HTML 3Page - ON Semiconductor NTST20100CTG Datasheet HTML 4Page - ON Semiconductor NTST20100CTG Datasheet HTML 5Page - ON Semiconductor NTST20100CTG Datasheet HTML 6Page - ON Semiconductor NTST20100CTG Datasheet HTML 7Page - ON Semiconductor NTST20100CTG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NTST20100CT, NTSB20100CT−1G, NTSJ20100CTG, NTSB20100CTG
http://onsemi.com
3
TYPICAL CHARACTERISITICS
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
Figure 3. Typical Junction Capacitance
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
100
1.0
0.1
20
VR, REVERSE VOLTAGE (VOLTS)
0.001
0.6
0.8
1.0
40
60
0
0.2
0.4
80
TA = 25°C
TA = 125°C
TA = 150°C
0.01
0.1
TA = 25°C
TA = 125°C
TA = 150°C
1.0
10
100
1.2
100
0.1
VR, REVERSE VOLTAGE (VOLTS)
10000
1000
10
110
100
TJ = 25°C
10
30
50
70
90
Figure 4. Current Derating per Leg
0
5
10
15
20
0
20
40
60
80
100
120
140
TC, CASE TEMPERATURE (°C)
SQUARE WAVE
dc
RqJC = 1.3°C/W
Figure 5. Current Derating
TC, CASE TEMPERATURE (°C)
Figure 6. Forward Power Dissipation
0
2
4
6
8
10
12
0
4
20
24
IF(AV), AVERAGE FORWARD CURRENT (A)
SQUARE
WAVE
dc
TA = 150°C
IPK/IAV = 5
IPK/IAV = 10
IPK/IAV = 20
812
16
1.4
1.6
1.8
100
0
5
10
15
20
25
30
0
20
40
60
80
100
120
140
SQUARE WAVE
dc
RqJC = 1.3°C/W
35
40
14
16
18
20


Similar Part No. - NTST20100CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTST20100CTG ONSEMI-NTST20100CTG Datasheet
87Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2016 ??Rev. 7
NTST20100CTG ONSEMI-NTST20100CTG_16 Datasheet
87Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2016 ??Rev. 7
More results

Similar Description - NTST20100CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTST30100SG ONSEMI-NTST30100SG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2010 ??Rev. 0
NRTST40H100CT ONSEMI-NRTST40H100CT Datasheet
60Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2016 ??Rev. 0
NTSV30120CT ONSEMI-NTSV30120CT Datasheet
86Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 1
NTS245ESF ONSEMI-NTS245ESF Datasheet
112Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2014 ??Rev. P0
NTS245SF ONSEMI-NTS245SF Datasheet
64Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 0
NTS10100MFS ONSEMI-NTS10100MFS Datasheet
66Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 0
NTS12100MFS ONSEMI-NTS12100MFS Datasheet
68Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 2
NTSJ3080CTG ONSEMI-NTSJ3080CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTSV30100SG ONSEMI-NTSV30100SG Datasheet
103Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
June, 2012 ??Rev. 0
NTSJ30U80CTG ONSEMI-NTSJ30U80CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTST40120CT ONSEMI-NTST40120CT Datasheet
117Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com