Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTST20100CT Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTST20100CT
Description  Very Low Forward Voltage Trench-based Schottky Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTST20100CT Datasheet(HTML) 6 Page - ON Semiconductor

  NTST20100CT Datasheet HTML 1Page - ON Semiconductor NTST20100CT Datasheet HTML 2Page - ON Semiconductor NTST20100CT Datasheet HTML 3Page - ON Semiconductor NTST20100CT Datasheet HTML 4Page - ON Semiconductor NTST20100CT Datasheet HTML 5Page - ON Semiconductor NTST20100CT Datasheet HTML 6Page - ON Semiconductor NTST20100CT Datasheet HTML 7Page - ON Semiconductor NTST20100CT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NTST20100CT, NTSB20100CT−1G, NTSJ20100CTG, NTSB20100CTG
http://onsemi.com
6
PACKAGE DIMENSIONS
TO−220
CASE 221A−09
ISSUE AF
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.161
3.61
4.09
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.014
0.025
0.36
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
---
1.15
---
Z
---
0.080
---
2.04
B
Q
H
Z
L
V
G
N
A
K
F
12 3
4
D
SEATING
PLANE
−T−
C
S
T
U
R
J
STYLE 6:
PIN 1. ANODE
2. CATHODE
3. ANODE
4. CATHODE
I2PAK (TO−262)
CASE 418D
ISSUE D
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
−T−
W
G
K
A
C
E
V
J
H
12
3
4
SEATING
PLANE
D 3 PL
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.335
0.380
8.51
9.65
B
0.380
0.406
9.65
10.31
C
0.160
0.185
4.06
4.70
D
0.026
0.035
0.66
0.89
E
0.045
0.055
1.14
1.40
G
0.100 BSC
2.54 BSC
H
0.094
0.110
2.39
2.79
J
0.013
0.025
0.33
0.64
S
0.390 REF
9.90 REF
V
0.045
0.070
1.14
1.78
W
0.522
0.551
13.25
14.00
−B−
M
B
M
0.13 (0.005)
T
S
F
F
0.122 REF
3.10 REF
K
0.500
0.562
12.70
14.27


Similar Part No. - NTST20100CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTST20100CT ONSEMI-NTST20100CT Datasheet
132Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Trench-based Schottky
January, 2013 ??Rev. 5
NTST20100CT-D ONSEMI-NTST20100CT-D Datasheet
132Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
January, 2013 ??Rev. 5
NTST20100CTG ONSEMI-NTST20100CTG Datasheet
87Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2016 ??Rev. 7
NTST20100CTG ONSEMI-NTST20100CTG_16 Datasheet
87Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2016 ??Rev. 7
More results

Similar Description - NTST20100CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTST30100SG ONSEMI-NTST30100SG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2010 ??Rev. 0
NRTST40H100CT ONSEMI-NRTST40H100CT Datasheet
60Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2016 ??Rev. 0
NTSV30120CT ONSEMI-NTSV30120CT Datasheet
86Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 1
NTS245ESF ONSEMI-NTS245ESF Datasheet
112Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2014 ??Rev. P0
NTS245SF ONSEMI-NTS245SF Datasheet
64Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 0
NTS10100MFS ONSEMI-NTS10100MFS Datasheet
66Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 0
NTS12100MFS ONSEMI-NTS12100MFS Datasheet
68Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 2
NTSJ3080CTG ONSEMI-NTSJ3080CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTSV30100SG ONSEMI-NTSV30100SG Datasheet
103Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
June, 2012 ??Rev. 0
NTSJ30U80CTG ONSEMI-NTSJ30U80CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTST40120CT ONSEMI-NTST40120CT Datasheet
117Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com