Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFD16N06LESM Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # RFD16N06LESM
Description  16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RFD16N06LESM Datasheet(HTML) 6 Page - Fairchild Semiconductor

  RFD16N06LESM Datasheet HTML 1Page - Fairchild Semiconductor RFD16N06LESM Datasheet HTML 2Page - Fairchild Semiconductor RFD16N06LESM Datasheet HTML 3Page - Fairchild Semiconductor RFD16N06LESM Datasheet HTML 4Page - Fairchild Semiconductor RFD16N06LESM Datasheet HTML 5Page - Fairchild Semiconductor RFD16N06LESM Datasheet HTML 6Page - Fairchild Semiconductor RFD16N06LESM Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
©2002 Fairchild Semiconductor Corporation
RFD16N06LESM Rev. B1
PSPICE Electrical Model
SUBCKT RFD16N06LESM 2 1 3 ;
rev 8/2/93
CA 12 8 1.46e-9
CB 15 14 1.46e-9
CIN 6 8 1.0e-9
DBODY 7 5 DBODYMOD
DBREAK 5 11 DBREAKMOD
DPLCAP 10 5 DPLCAPMOD
EBREAK 11 7 17 18 66.0
EDS 14 8 5 8 1
EGS 13 8 6 8 1
ESG 6 10 6 8 1
EVTHRES 6 21 19 8 1
EVTEMP 20 6 18 22 1
IT 8 17 1
LDRAIN 2 5 1e-9
LGATE 1 9 5.5e-9
LSOURCE 3 7 4.4e-9
MMED 16 6 8 8 MMEDMOD
MSTRO 16 6 8 8 MSTROMOD
MWEAK 16 21 8 8 MWEAKMOD
RBREAK 17 18 RBREAKMOD 1
RDRAIN 50 16 RDRAINMOD 7.0e-3
RGATE 9 20 3.6
RLDRAIN 2 5 10
RLGATE 1 9 55
RLSOURCE 3 7 44
RSLC1 5 51 RSLCMOD 1e-6
RSLC2 5 50 1e3
RSOURCE 8 7 RSOURCEMOD 1.45e-2
RVTHRES 22 8 RVTHRESMOD 1
RVTEMP 18 19 RVTEMPMOD 1
S1A 6 12 13 8 S1AMOD
S1B 13 12 13 8 S1BMOD
S2A 6 15 14 13 S2AMOD
S2B 13 15 14 13 S2BMOD
VBAT 22 19 DC 1
ESLC 51 50 VALUE={(V(5,51)/ABS(V(5,51)))*(PWR(V(5,51)/(1e-6*100),3.5))}
.MODEL DBODYMOD D (IS = 6.3e-13 RS = 6.8e-3 TRS1 = 1e-3 TRS2 = 1e-6 XTI = 4.3 CJO = 1.28e-9 TT = 5.1e-8 M = 0.5)
.MODEL DBREAKMOD D (RS = 2.9e-1 TRS1 = 1e-4 TRS2 = 0)
.MODEL DPLCAPMOD D (CJO = 9.5e-10 IS = 1e-30 N = 10 M = 0.82)
.MODEL MMEDMOD NMOS (VTO = 2.10 KP = 6 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 3.6)
.MODEL MSTROMOD NMOS (VTO = 2.45 KP = 60.5 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u)
.MODEL MWEAKMOD NMOS (VTO = 1.79 KP = 0.13 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 36 RS = 0.1)
.MODEL RBREAKMOD RES (TC1 = 1.2e-3 TC2 = -5e-7)
.MODEL RDRAINMOD RES (TC1 = 1.3e-2 TC2 = 3.1e-5)
.MODEL RSLCMOD RES (TC1 = 5.5e-3 TC2 = 7e-6)
.MODEL RSOURCEMOD RES (TC1 = 1e-3 TC2 = 1e-6)
.MODEL RVTHRESMOD RES (TC1 = -1.8e-3 TC2 = -5.8e-6)
.MODEL RVTEMPMOD RES (TC1 = -1.7e-3 TC2 = 8e-7)
.MODEL S1AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -4.8 VOFF= -2.8)
.MODEL S1BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -2.8 VOFF= -4.8)
.MODEL S2AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -0.6 VOFF= 0.5)
.MODEL S2BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = 0.5 VOFF= -0.6)
.ENDS
For further discussion of the PSPICE model, consult A New PSPICE Sub-Circuit for the Power MOSFET Featuring Global
Temperature Options; IEEE Power Electronics Specialist Conference Records, 1991, written by William J. Hepp and C. Frank
Wheatley.
18
22
+
-
6
8
+
-
5
51
19
8
+
-
17
18
6
8
+
-
5
8
+
-
RBREAK
RVTEMP
VBAT
RVTHRES
IT
17
18
19
22
12
13
15
S1A
S1B
S2A
S2B
CA
CB
EGS
EDS
14
8
13
8
14
13
MWEAK
EBREAK
DBODY
RSOURCE
SOURCE
11
7
3
LSOURCE
RLSOURCE
CIN
RDRAIN
EVTHRES
16
21
8
MMED
MSTRO
DRAIN
2
LDRAIN
RLDRAIN
DBREAK
DPLCAP
ESLC
RSLC1
10
5
51
50
RSLC2
1
GATE
RGATE
EVTEMP
9
ESG
LGATE
RLGATE
20
+
-
+
-
+
-
6
RFD16N06LESM


Similar Part No. - RFD16N06LESM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD16N06LESM INTERSIL-RFD16N06LESM Datasheet
342Kb / 7P
   16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
VBsemi Electronics Co.,...
RFD16N06LESM VBSEMI-RFD16N06LESM Datasheet
897Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
More results

Similar Description - RFD16N06LESM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD16N06LE INTERSIL-RFD16N06LE Datasheet
342Kb / 7P
   16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD16N05L FAIRCHILD-RFD16N05L Datasheet
158Kb / 7P
   16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N05L INTERSIL-RFD16N05L Datasheet
47Kb / 6P
   16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
RFP30N06LE INTERSIL-RFP30N06LE Datasheet
80Kb / 8P
   30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP30N06LE FAIRCHILD-RFP30N06LE Datasheet
188Kb / 8P
   30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N06 INTERSIL-RFD16N06 Datasheet
85Kb / 7P
   16A, 60V, 0.047 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
RFD16N05 FAIRCHILD-RFD16N05 Datasheet
414Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N05 INTERSIL-RFD16N05 Datasheet
91Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD16N05 FAIRCHILD-RFD16N05_03 Datasheet
226Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N03L INTERSIL-RFD16N03L Datasheet
107Kb / 8P
   16A, 30V, 0.025 Ohm, Logic Level, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com