Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFD16N06LESM Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # RFD16N06LESM
Description  16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RFD16N06LESM Datasheet(HTML) 5 Page - Fairchild Semiconductor

  RFD16N06LESM Datasheet HTML 1Page - Fairchild Semiconductor RFD16N06LESM Datasheet HTML 2Page - Fairchild Semiconductor RFD16N06LESM Datasheet HTML 3Page - Fairchild Semiconductor RFD16N06LESM Datasheet HTML 4Page - Fairchild Semiconductor RFD16N06LESM Datasheet HTML 5Page - Fairchild Semiconductor RFD16N06LESM Datasheet HTML 6Page - Fairchild Semiconductor RFD16N06LESM Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
©2002 Fairchild Semiconductor Corporation
RFD16N06LESM Rev. B1
Test Circuits and Waveforms
FIGURE 13. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 14. UNCLAMPED ENERGY WAVEFORMS
FIGURE 15. SWITCHING TIME TEST CIRCUIT
FIGURE 16. RESISTIVE SWITCHING WAVEFORMS
FIGURE 17. GATE CHARGE TEST CIRCUIT
FIGURE 18. GATE CHARGE WAVEFORMS
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
VGS
RL
RGS
DUT
+
-
VDD
VDS
VGS
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
RL
VGS
+
-
VDS
VDD
DUT
Ig(REF)
VDD
Qg(TH)
VGS = 2V
Qg(10) OR Qg(5)
VGS = 5V FOR
Qg(TOT)
VGS = 20V
VDS
VGS
Ig(REF)
0
0
VGS = 1V FOR
L2 DEVICES
L2 DEVICES
VGS = 10V
VGS = 10V FOR
L2 DEVICES
RFD16N06LESM


Similar Part No. - RFD16N06LESM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD16N06LESM INTERSIL-RFD16N06LESM Datasheet
342Kb / 7P
   16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
VBsemi Electronics Co.,...
RFD16N06LESM VBSEMI-RFD16N06LESM Datasheet
897Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
More results

Similar Description - RFD16N06LESM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD16N06LE INTERSIL-RFD16N06LE Datasheet
342Kb / 7P
   16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD16N05L FAIRCHILD-RFD16N05L Datasheet
158Kb / 7P
   16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N05L INTERSIL-RFD16N05L Datasheet
47Kb / 6P
   16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
RFP30N06LE INTERSIL-RFP30N06LE Datasheet
80Kb / 8P
   30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP30N06LE FAIRCHILD-RFP30N06LE Datasheet
188Kb / 8P
   30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N06 INTERSIL-RFD16N06 Datasheet
85Kb / 7P
   16A, 60V, 0.047 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
RFD16N05 FAIRCHILD-RFD16N05 Datasheet
414Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N05 INTERSIL-RFD16N05 Datasheet
91Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD16N05 FAIRCHILD-RFD16N05_03 Datasheet
226Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N03L INTERSIL-RFD16N03L Datasheet
107Kb / 8P
   16A, 30V, 0.025 Ohm, Logic Level, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com