Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFD16N06LESM Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # RFD16N06LESM
Description  16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RFD16N06LESM Datasheet(HTML) 3 Page - Fairchild Semiconductor

  RFD16N06LESM Datasheet HTML 1Page - Fairchild Semiconductor RFD16N06LESM Datasheet HTML 2Page - Fairchild Semiconductor RFD16N06LESM Datasheet HTML 3Page - Fairchild Semiconductor RFD16N06LESM Datasheet HTML 4Page - Fairchild Semiconductor RFD16N06LESM Datasheet HTML 5Page - Fairchild Semiconductor RFD16N06LESM Datasheet HTML 6Page - Fairchild Semiconductor RFD16N06LESM Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
©2002 Fairchild Semiconductor Corporation
RFD16N06LESM Rev. B1
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. FORWARD BIAS SAFE OPERATING AREA
FIGURE 4. PEAK CURRENT CAPABILITY
FIGURE 5. UNCLAMPED INDUCTIVE SWITCHING
FIGURE 6. SATURATION CHARACTERISTICS
TC, CASE TEMPERATURE (
oC)
25
50
75
100
125
150
175
0
0
0
0.2
0.4
0.6
0.8
1.0
1.2
TC, CASE TEMPERATURE (
oC)
20
10
5
0
25
50
75
100
125
150
175
15
VDS, DRAIN TO SOURCE VOLTAGE (V)
110
100
1
10
200
100
1ms
VDSS MAX = 60V
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
100
µs
10ms
TC = 25
oC
TJ = MAX RATED
t, PULSE WIDTH (s)
500
100
10
10-6
10-5
10-4
10-3
10-2
10-1
100
101
VGS = 5V
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
I = I25
(
)
175 - TC
150
VGS = 10V
TC = 25
oC
tAV, TIME IN AVALANCHE (ms)
0.01
0.1
1
10
1
10
100
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
STARTING TJ = 150
oC
STARTING TJ = 25
oC
VDS, DRAIN TO SOURCE VOLTAGE (V)
0
20
40
60
0
1.5
3.0
4.5
6.0
7.5
VGS = 3V
VGS = 4V
VGS = 4.5V
VGS = 5V
80
100
VGS = 10V
PULSE DURATION = 80
µs
TC =25
oC
DUTY CYCLE = 0.5% MAX.
RFD16N06LESM


Similar Part No. - RFD16N06LESM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD16N06LESM INTERSIL-RFD16N06LESM Datasheet
342Kb / 7P
   16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
VBsemi Electronics Co.,...
RFD16N06LESM VBSEMI-RFD16N06LESM Datasheet
897Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
More results

Similar Description - RFD16N06LESM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD16N06LE INTERSIL-RFD16N06LE Datasheet
342Kb / 7P
   16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD16N05L FAIRCHILD-RFD16N05L Datasheet
158Kb / 7P
   16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N05L INTERSIL-RFD16N05L Datasheet
47Kb / 6P
   16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
RFP30N06LE INTERSIL-RFP30N06LE Datasheet
80Kb / 8P
   30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP30N06LE FAIRCHILD-RFP30N06LE Datasheet
188Kb / 8P
   30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N06 INTERSIL-RFD16N06 Datasheet
85Kb / 7P
   16A, 60V, 0.047 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
RFD16N05 FAIRCHILD-RFD16N05 Datasheet
414Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N05 INTERSIL-RFD16N05 Datasheet
91Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD16N05 FAIRCHILD-RFD16N05_03 Datasheet
226Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N03L INTERSIL-RFD16N03L Datasheet
107Kb / 8P
   16A, 30V, 0.025 Ohm, Logic Level, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com