Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTB30N20G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTB30N20G
Description  Power MOSFET 30 Amps, 200 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB30N20G Datasheet(HTML) 2 Page - ON Semiconductor

  NTB30N20G Datasheet HTML 1Page - ON Semiconductor NTB30N20G Datasheet HTML 2Page - ON Semiconductor NTB30N20G Datasheet HTML 3Page - ON Semiconductor NTB30N20G Datasheet HTML 4Page - ON Semiconductor NTB30N20G Datasheet HTML 5Page - ON Semiconductor NTB30N20G Datasheet HTML 6Page - ON Semiconductor NTB30N20G Datasheet HTML 7Page - ON Semiconductor NTB30N20G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTB30N20
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
200
307
Vdc
mV/
°C
Zero Gate Voltage Collector Current
(VGS = 0 Vdc, VDS = 200 Vdc, TJ = 25°C)
(VGS = 0 Vdc, VDS = 200 Vdc, TJ = 175°C)
IDSS
5.0
125
mAdc
Gate−Body Leakage Current (VGS = ± 30 Vdc, VDS = 0)
IGSS
±100
nAdc
ON CHARACTERISTICS
Gate Threshold Voltage
VDS = VGS, ID = 250 mAdc)
Temperature Coefficient (Negative)
VGS(th)
2.0
2.9
−8.9
4.0
Vdc
mV/
°C
Static Drain−to−Source On−State Resistance
(VGS = 10 Vdc, ID = 15 Adc)
(VGS = 10 Vdc, ID = 10 Adc)
(VGS = 10 Vdc, ID = 15 Adc, TJ = 175°C)
RDS(on)
0.068
0.067
0.200
0.081
0.080
0.240
W
Drain−to−Source On−Voltage
(VGS = 10 Vdc, ID = 30 Adc)
VDS(on)
2.0
2.5
Vdc
Forward Transconductance (VDS = 15 Vdc, ID = 15 Adc)
gFS
20
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc, f = 1.0 MHz)
Ciss
2335
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc, f = 1.0 MHz)
(VDS = 160 Vdc, VGS = 0 Vdc, f = 1.0 MHz)
Coss
380
148
Reverse Transfer Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc, f = 1.0 MHz)
Crss
75
SWITCHING CHARACTERISTICS (Notes 3 & 4)
Turn−On Delay Time
(VDD = 100 Vdc, ID = 18 Adc,
VGS = 5.0 Vdc, RG = 2.5 W)
(VDD = 160 Vdc, ID = 30 Adc,
VGS = 10 Vdc, RG = 9.1 W)
td(on)
10
12
ns
Rise Time
tr
20
70
Turn−Off Delay Time
td(off)
40
82
Fall Time
tf
24
88
Gate Charge
(VDS = 160 Vdc, ID = 30 Adc,
VGS = 10 Vdc)
(VDS = 160 Vdc, ID = 18 Adc,
VGS = 5.0 Vdc)
Qtot
75
48
100
nC
Qgs
20
16
Qgd
32
BODY−DRAIN DIODE RATINGS (Note 3)
Forward On−Voltage
(IS = 30 Adc, VGS = 0 Vdc)
(IS = 30 Adc, VGS = 0 Vdc, TJ = 150°C)
VSD
0.91
0.80
1.1
Vdc
Reverse Recovery Time
(IS = 30 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms)
trr
230
ns
ta
140
tb
85
Reverse Recovery Stored Charge
QRR
1.85
mC
3. Indicates Pulse Test: P. W. = 300
ms max, Duty Cycle = 2%.
4. Switching characteristics are independent of operating junction temperature.


Similar Part No. - NTB30N20G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB30N20 ONSEMI-NTB30N20 Datasheet
85Kb / 8P
   Power MOSFET 30 Amps, 200 Volts N?묬hannel Enhancement?묺ode D2PAK
April, 2004 ??Rev. 3
NTB30N20T4 ONSEMI-NTB30N20T4 Datasheet
85Kb / 8P
   Power MOSFET 30 Amps, 200 Volts N?묬hannel Enhancement?묺ode D2PAK
April, 2004 ??Rev. 3
More results

Similar Description - NTB30N20G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP30N20 ONSEMI-NTP30N20 Datasheet
88Kb / 8P
   Power MOSFET 30 Amps, 200 Volts
December, 2003 ??Rev. 4
NTB75N03-6G ONSEMI-NTB75N03-6G Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTB75N03L09T4G ONSEMI-NTB75N03L09T4G Datasheet
119Kb / 8P
   Power MOSFET 75 Amps, 30 Volts
August, 2013 ??Rev. 13
NTB4302 ONSEMI-NTB4302 Datasheet
71Kb / 8P
   Power MOSFET 74 Amps, 30 Volts
October, 2003 ??Rev. 1
NTD30N02G ONSEMI-NTD30N02G Datasheet
134Kb / 5P
   Power MOSFET 30 Amps, 24 Volts
February, 2006 ??Rev. 3
NTB75N03-006 ONSEMI-NTB75N03-006 Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTMS3P03R2 ONSEMI-NTMS3P03R2_06 Datasheet
148Kb / 7P
   Power MOSFET -3.05 Amps, -30 Volts
March, 2006 ??Rev. 2
NTTS2P03R2 ONSEMI-NTTS2P03R2_05 Datasheet
75Kb / 6P
   Power MOSFET -2.48 Amps, -30 Volts
June, 2005 ??Rev. 2
MMDF6N03HDR2 ONSEMI-MMDF6N03HDR2 Datasheet
236Kb / 10P
   Power MOSFET 6 Amps, 30 Volts
August, 2006 ??Rev. 4
NTMS7N03R2 ONSEMI-NTMS7N03R2_05 Datasheet
98Kb / 10P
   Power MOSFET 7 Amps, 30 Volts
June, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com