Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFD14N05SM Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # RFD14N05SM
Description  14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RFD14N05SM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  RFD14N05SM Datasheet HTML 1Page - Fairchild Semiconductor RFD14N05SM Datasheet HTML 2Page - Fairchild Semiconductor RFD14N05SM Datasheet HTML 3Page - Fairchild Semiconductor RFD14N05SM Datasheet HTML 4Page - Fairchild Semiconductor RFD14N05SM Datasheet HTML 5Page - Fairchild Semiconductor RFD14N05SM Datasheet HTML 6Page - Fairchild Semiconductor RFD14N05SM Datasheet HTML 7Page - Fairchild Semiconductor RFD14N05SM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
RFD14N05, RFD14N05SM, RFP14N05 Rev. B1
NOTE: Refer to Fairchild Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
FIGURE 7. SATURATION CHARACTERISTICS
FIGURE 8. TRANSFER CHARACTERISTICS
FIGURE 9. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 11. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
0.1
1
10
10
0.01
50
1
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS-VDD) +1]
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
o C
STARTING T J = 150
oC
0
5
10
15
0
2
4
6
8
20
25
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 4.5V
VGS = 5V
VGS = 6V
VGS = 7V
VGS = 20V
30
35
VGS = 8V
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
o C
0
4
6
8
10
2
0
5
10
15
20
25
175
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
V DD = 15V
VGS, GATE TO SOURCE VOLTAGE (V)
-55
oC
30
35
-25
oC
2.0
1.5
1.0
0.5
0
-80
-40
0
40
80
120
160
TJ , JUNCTION TEMPERATURE (
oC)
200
ID = 250µA
-80
-40
0
40
80
120
160
0
0.5
1.0
1.5
2.0
TJ, JUNCTION TEMPERATURE (
oC)
200
VGS = VDS, ID = 250µA
0
0.5
1.0
1.5
2.0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
200
2.5
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS= 10V, ID = 14A
RFD14N05, RFD14N05SM, RFP14N05


Similar Part No. - RFD14N05SM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD14N05SM FAIRCHILD-RFD14N05SM Datasheet
220Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
RFD14N05SM9A FAIRCHILD-RFD14N05SM9A Datasheet
220Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
More results

Similar Description - RFD14N05SM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD14N05SM FAIRCHILD-RFD14N05SM Datasheet
220Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
RFD14N05LSM9A FAIRCHILD-RFD14N05LSM9A Datasheet
214Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD14N05L INTERSIL-RFD14N05L Datasheet
74Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD14N05L FAIRCHILD-RFD14N05L Datasheet
119Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFD14N05L FAIRCHILD-RFD14N05L_04 Datasheet
213Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
BUZ71 INTERSIL-BUZ71 Datasheet
48Kb / 6P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFET
June 1999
RFD14N06L INTERSIL-RFD14N06L Datasheet
83Kb / 8P
   14A, 60V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF530 NJSEMI-IRF530 Datasheet
153Kb / 3P
   14A, 100V, 0.160 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
FRM130D INTERSIL-FRM130D Datasheet
47Kb / 6P
   14A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
RFP14N06 INTERSIL-RFP14N06 Datasheet
75Kb / 8P
   14A, 60V, 0.100 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com