Electronic Components Datasheet Search |
|
NCP300HSN47T1 Datasheet(PDF) 3 Page - ON Semiconductor |
|
NCP300HSN47T1 Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 26 page NCP300, NCP301 http://onsemi.com 3 ELECTRICAL CHARACTERISTICS (For all values TA = −40°C to +125°C, unless otherwise noted.) Characteristic Symbol Min Typ Max Unit NCP300/1 − 0.9 / NCV300/1 − 0.9 (TA = 255C for voltage options from 0.9 to 1.1 V) Detector Threshold (Pin 2, Vin Decreasing) VDET− 0.882 0.900 0.918 V Detector Threshold Hysteresis (Pin 2, Vin Increasing) VHYS 0.027 0.045 0.063 V Supply Current (Pin 2) (Vin = 0.8 V) (Vin = 2.9 V) Iin − − 0.20 0.45 0.6 1.2 mA Maximum Operating Voltage (Pin 2) Vin(max) − − 10 V Minimum Operating Voltage (Pin 2) (TA = −40°C to 85°C) Vin(min) − − 0.55 0.65 0.70 0.80 V Reset Output Current (Pin 1, Active Low ‘L’ Suffix Devices) IOUT mA N−Channel Sink Current, NCP300, NCP301 (VOUT = 0.05 V, Vin = 0.70 V) (VOUT = 0.50 V, Vin = 0.85 V) 0.01 0.05 0.05 0.50 − − P−Channel Source Current, NCP300 (VOUT = 2.4 V, Vin = 4.5 V) 1.0 6.0 − Reset Output Current (Pin 1, Active High ‘H’ Suffix Devices) IOUT mA N−Channel Sink Current, NCP300, NCP301 (VOUT = 0.5 V, Vin = 1.5 V) 1.05 2.5 − P−Channel Source Current, NCP300 (VOUT = 0.4 V, Vin = 0.7 V) (VOUT = GND, Vin = 0.8 V) 0.011 0.014 0.04 0.08 − − Propagation Delay Input to Output (Figure 2) ms Complementary Output NCP300 Series Output Transition, High to Low Output Transition, Low to High tpHL tpLH − − 97 77 − 300 N−Channel Open Drain NCP301 Series Output Transition, High to Low Output Transition, Low to High tpHL tpLH − − 97 − − 300 NCP300/1 − 1.8 / NCV300/1 − 1.8 Detector Threshold (Pin 2, Vin Decreasing) (TA = 25°C) (TA = −40°C to 125°C) VDET− 1.764 1.746 1.80 − 1.836 1.854 V Detector Threshold Hysteresis (Pin 2, Vin Increasing) VHYS 0.054 0.090 0.126 V Supply Current (Pin 2) (Vin = 1.7 V) (Vin = 3.8 V) Iin − − 0.23 0.48 0.7 1.3 mA Maximum Operating Voltage (Pin 2) Vin(max) − − 10 V Minimum Operating Voltage (Pin 2) (TA = 25°C) (TA = −40°C to 125°C) Vin(min) − − 0.55 0.65 0.70 0.80 V Reset Output Current (Pin 1, Active Low ‘L’ Suffix Devices) IOUT mA N−Channel Sink Current, NCP300, NCP301 (VOUT = 0.05V, Vin = 0.70 V) (VOUT = 0.50V, Vin = 1.5 V) 0.01 1.0 0.05 2.0 − − P−Channel Source Current, NCP300 (VOUT = 2.4 V, Vin = 4.5 V) 1.0 6.0 − Reset Output Current (Pin 1, Active High ‘H’ Suffix Devices) IOUT mA N−Channel Sink Current, NCP300, NCP301 (VOUT = 0.5 V, Vin = 5.0 V) 6.3 11 − P−Channel Source Current, NCP300 (VOUT = 0.4 V, Vin = 0.7 V) (VOUT = GND, Vin = 1.5 V) 0.011 0.525 0.04 0.6 − − Propagation Delay Input to Output (Figure 2) ms Complementary Output NCP300 Series Output Transition, High to Low Output Transition, Low to High tpHL tpLH − − 73 94 − 300 |
Similar Part No. - NCP300HSN47T1 |
|
Similar Description - NCP300HSN47T1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |