Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJVMJD32CT4G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NJVMJD32CT4G
Description  Complementary Power Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NJVMJD32CT4G Datasheet(HTML) 3 Page - ON Semiconductor

  NJVMJD32CT4G Datasheet HTML 1Page - ON Semiconductor NJVMJD32CT4G Datasheet HTML 2Page - ON Semiconductor NJVMJD32CT4G Datasheet HTML 3Page - ON Semiconductor NJVMJD32CT4G Datasheet HTML 4Page - ON Semiconductor NJVMJD32CT4G Datasheet HTML 5Page - ON Semiconductor NJVMJD32CT4G Datasheet HTML 6Page - ON Semiconductor NJVMJD32CT4G Datasheet HTML 7Page - ON Semiconductor NJVMJD32CT4G Datasheet HTML 8Page - ON Semiconductor NJVMJD32CT4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MJD31, NJVMJD31T4G, MJD31C, NJVMJD31CT4G (NPN), MJD32, NJVMJD32T4G,
MJD32C, NJVMJD32CG, NJVMJD32CT4G (PNP)
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 1)
(IC = 30 mAdc, IB = 0)
MJD31, NJVMJD31T4G, MJD32, NJVMJD32T4G
MJD31C, NJVMJD31CT4G, MJD32C, NJVMJD32CG, NJVMJD32CT4G
VCEO(sus)
40
100
Vdc
Collector Cutoff Current
(VCE = 40 Vdc, IB = 0)
MJD31, NJVMJD31T4G, MJD32
, NJVMJD32T4G
(VCE = 60 Vdc, IB = 0)
MJD31C, NJVMJD31CT4G, MJD32C, NJVMJD32CG, NJVMJD32CT4G
ICEO
50
50
mAdc
Collector Cutoff Current
(VCE = Rated VCEO, VEB = 0)
ICES
20
mAdc
Emitter Cutoff Current
(VBE = 5 Vdc, IC = 0)
IEBO
1
mAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 1 Adc, VCE = 4 Vdc)
(IC = 3 Adc, VCE = 4 Vdc)
hFE
25
10
50
Collector−Emitter Saturation Voltage
(IC = 3 Adc, IB = 375 mAdc)
VCE(sat)
1.2
Vdc
Base−Emitter On Voltage
(IC = 3 Adc, VCE = 4 Vdc)
VBE(on)
1.8
Vdc
DYNAMIC CHARACTERISTICS
Current Gain − Bandwidth Product (Note 2)
(IC = 500 mAdc, VCE = 10 Vdc, ftest = 1 MHz)
fT
3
MHz
Small−Signal Current Gain
(IC = 0.5 Adc, VCE = 10 Vdc, f = 1 kHz)
hfe
20
1. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2%.
2. fT = ⎪hfe⎪• ftest.


Similar Part No. - NJVMJD32CT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJVMJD32CT4G ONSEMI-NJVMJD32CT4G Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
More results

Similar Description - NJVMJD32CT4G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
   Complementary power transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
MJD2955 ONSEMI-MJD2955 Datasheet
147Kb / 6P
   Complementary Power Transistors
1997 REV 2
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
   Complementary Power Transistors
June, 2005 ??Rev. 6
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
   Complementary Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com