Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD32 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJD32
Description  Complementary Power Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD32 Datasheet(HTML) 1 Page - ON Semiconductor

  MJD32 Datasheet HTML 1Page - ON Semiconductor MJD32 Datasheet HTML 2Page - ON Semiconductor MJD32 Datasheet HTML 3Page - ON Semiconductor MJD32 Datasheet HTML 4Page - ON Semiconductor MJD32 Datasheet HTML 5Page - ON Semiconductor MJD32 Datasheet HTML 6Page - ON Semiconductor MJD32 Datasheet HTML 7Page - ON Semiconductor MJD32 Datasheet HTML 8Page - ON Semiconductor MJD32 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2013
July, 2013 − Rev. 12
1
Publication Order Number:
MJD31/D
MJD31, NJVMJD31T4G,
MJD31C, NJVMJD31CT4G
(NPN), MJD32,
NJVMJD32T4G, MJD32C,
NJVMJD32CG,
NJVMJD32CT4G (PNP)
Complementary Power
Transistors
DPAK For Surface Mount Applications
Designed for general purpose amplifier and low speed switching
applications.
Features
Lead Formed for Surface Mount Applications in Plastic Sleeves
Straight Lead Version in Plastic Sleeves (“1” Suffix)
Lead Formed Version in 16 mm Tape and Reel (“T4” Suffix)
Electrically Similar to Popular TIP31 and TIP32 Series
Epoxy Meets UL 94, V−0 @ 0.125 in
NJV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
SILICON
POWER TRANSISTORS
3 AMPERES
40 AND 100 VOLTS
15 WATTS
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
IPAK
CASE 369D
STYLE 1
DPAK
CASE 369C
STYLE 1
MARKING DIAGRAMS
A
= Site Code
Y
= Year
WW
= Work Week
xx
= 1, 1C, 2, or 2C
G
= Pb−Free Package
AYWW
J3xxG
YWW
J3xxG
http://onsemi.com
DPAK
IPAK
4
1 2
3
4
1
2
3
1
BASE
3
EMITTER
COLLECTOR
2,4
1
BASE
3
EMITTER
COLLECTOR
2,4
COMPLEMENTARY


Similar Part No. - MJD32

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MJD32 FAIRCHILD-MJD32 Datasheet
49Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
logo
ON Semiconductor
MJD32 ONSEMI-MJD32 Datasheet
81Kb / 8P
   Complementary Power Transistors
June, 2005 ??Rev. 6
logo
Guangdong Kexin Industr...
MJD32 KEXIN-MJD32 Datasheet
47Kb / 2P
   Complementary Power Transistors
logo
ON Semiconductor
MJD32 ONSEMI-MJD32 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
logo
Fairchild Semiconductor
MJD32/32C FAIRCHILD-MJD32/32C Datasheet
54Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications
More results

Similar Description - MJD32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
   Complementary power transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
MJD2955 ONSEMI-MJD2955 Datasheet
147Kb / 6P
   Complementary Power Transistors
1997 REV 2
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
   Complementary Power Transistors
June, 2005 ??Rev. 6
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
   Complementary Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com