Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4623HSN050T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP4623HSN050T1G
Description  150 mA, Wide Input Voltage Range, Low Dropout Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4623HSN050T1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP4623HSN050T1G Datasheet HTML 2Page - ON Semiconductor NCP4623HSN050T1G Datasheet HTML 3Page - ON Semiconductor NCP4623HSN050T1G Datasheet HTML 4Page - ON Semiconductor NCP4623HSN050T1G Datasheet HTML 5Page - ON Semiconductor NCP4623HSN050T1G Datasheet HTML 6Page - ON Semiconductor NCP4623HSN050T1G Datasheet HTML 7Page - ON Semiconductor NCP4623HSN050T1G Datasheet HTML 8Page - ON Semiconductor NCP4623HSN050T1G Datasheet HTML 9Page - ON Semiconductor NCP4623HSN050T1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
NCP4623
http://onsemi.com
6
TYPICAL CHARACTERISTICS
0.0
0.5
1.0
1.5
2.0
0
30
60
90
120
150
Figure 9. Dropout Voltage vs. Output Current
3.3 V Version
TJ = −40°C
25°C
105°C
IOUT, OUTPUT CURRENT (mA)
Figure 10. Dropout Voltage vs. Output Current
5.0 V Version
0.0
0.5
1.0
1.5
2.0
0
30
60
90
120
150
IOUT, OUTPUT CURRENT (mA)
TJ = −40°C
25°C
105°C
0.0
0.5
1.0
1.5
2.0
0
30
60
90
120
150
TJ = −40°C
25°C
105°C
Figure 11. Dropout Voltage vs. Output Current
12.0 V Version
IOUT, OUTPUT CURRENT (mA)
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
−40
−20
0
20406080
100
Figure 12. Output Voltage vs. Temperature,
3.3 V Version, VIN = 5.3 V, IOUT = 20 mA
TJ, JUNCTION TEMPERATURE (°C)
4.95
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
TJ, JUNCTION TEMPERATURE (°C)
−40
−20
0
20406080
100
Figure 13. Output Voltage vs. Temperature,
5.0 V Version, VIN = 7.0 V, IOUT = 20 mA
11.95
11.96
11.97
11.98
11.99
12.00
12.01
12.02
12.03
12.04
12.05
−40
−20
0
20406080
100
TJ, JUNCTION TEMPERATURE (°C)
Figure 14. Output Voltage vs. Temperature,
12.0 V Version, VIN = 14.0 V, IOUT = 20 mA


Similar Part No. - NCP4623HSN050T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4620 ONSEMI-NCP4620 Datasheet
332Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
December, 2010 ??Rev. P0
NCP4620 ONSEMI-NCP4620 Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
NCP4620 ONSEMI-NCP4620 Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
NCP4620DSN15T1G ONSEMI-NCP4620DSN15T1G Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
NCP4620DSN15T1G ONSEMI-NCP4620DSN15T1G Datasheet
376Kb / 16P
   150 mA, 10 V, Low Dropout Regulator
May, 2012 ??Rev. 4
More results

Similar Description - NCP4623HSN050T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4641H030T1G ONSEMI-NCP4641H030T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
NCP4641H050T1G ONSEMI-NCP4641H050T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
logo
Nisshinbo Micro Devices...
R1154X NISSHINBO-R1154X Datasheet
648Kb / 26P
   150 mA Voltage Regulator (Wide Input Voltage Range)
logo
ON Semiconductor
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
   150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
   150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
138Kb / 4P
   150 mA Low Dropout Voltage Regulator
logo
ON Semiconductor
NCV8718 ONSEMI-NCV8718 Datasheet
238Kb / 7P
   300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2018 ??Rev. 0
NCP4640H033T1G ONSEMI-NCP4640H033T1G Datasheet
396Kb / 17P
   50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1
logo
Nisshinbo Micro Devices...
R1514X-Y NISSHINBO-R1514X-Y Datasheet
525Kb / 22P
   150 mA Voltage Regulator (Wide Input Voltage Range) for High Temperature Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com