Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1217AP65G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1217AP65G
Description  Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1217AP65G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1217AP65G Datasheet HTML 1Page - ON Semiconductor NCP1217AP65G Datasheet HTML 2Page - ON Semiconductor NCP1217AP65G Datasheet HTML 3Page - ON Semiconductor NCP1217AP65G Datasheet HTML 4Page - ON Semiconductor NCP1217AP65G Datasheet HTML 5Page - ON Semiconductor NCP1217AP65G Datasheet HTML 6Page - ON Semiconductor NCP1217AP65G Datasheet HTML 7Page - ON Semiconductor NCP1217AP65G Datasheet HTML 8Page - ON Semiconductor NCP1217AP65G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
NCP1217, NCP1217A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (For typical values TJ =25C, for min/max values TJ =0C to +125C, Max TJ = 150C,
VCC = 11 V unless otherwise noted.)
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
SUPPLY SECTION (All frequency versions, unless otherwise noted)
Turn--On Threshold Level, VCC Going Up
6
VCCON
11.8
12.8
13.8
V
Minimum Operating Voltage After Turn--On
6
VCCmin
6.9
7.6
8.3
V
VCC Decreasing Level at which the Latchoff Phase Ends
6
VCClatch
--
5.6
--
V
Internal IC Consumption, No Output Load on Pin 5,
FSW =65 kHz
6
ICC1
--
960
1110
(Note 1)
mA
Internal IC Consumption, No Output Load on Pin 5,
FSW = 100 kHz
6
ICC1
--
1020
1180
(Note 1)
mA
Internal IC Consumption, No Output Load on Pin 5,
FSW = 133 kHz
6
ICC1
--
1060
1200
(Note 1)
mA
Internal IC Consumption, 1.0 nF Output Load on Pin 5,
FSW =65 kHz
6
ICC2
--
1.7
2.0
(Note 1)
mA
Internal IC Consumption, 1.0 nF Output Load on Pin 5,
FSW = 100 kHz
6
ICC2
--
2.1
2.4
(Note 1)
mA
Internal IC Consumption, 1.0 nF Output Load on Pin 5,
FSW = 133 kHz
6
ICC2
--
2.4
2.9
(Note 1)
mA
Internal IC Consumption, Latchoff Phase, VCC =6.0 V
6
ICC3
--
230
--
mA
INTERNAL STARTUP CURRENT SOURCE (TJ > 0C)
High--Voltage Current Source, VCC =10 V
8
IC1
3.5
(Note 2)
6.0
7.8
mA
High--Voltage Current Source, VCC =0
8
IC2
--
7.0
--
mA
DRIVE OUTPUT
Output Voltage Rise--Time @ CL = 1.0 nF, 10--90% of a 12 V
Output Signal
5
Tr
--
60
--
ns
Output Voltage Fall--Time @ CL = 1.0 nF, 10--90% of a 12 V
Output Signal
5
Tf
--
20
--
ns
Source Resistance
5
ROH
15
20
35
Ω
Sink Resistance
5
ROL
5.0
10
18
Ω
CURRENT COMPARATOR (Pin 5 Unloaded)
Input Bias Current @ 1.0 V Input Level on Pin 3
3
IIB
--
0.02
--
mA
Maximum Internal Current Setpoint
3
ILimit
0.9
1.0
1.1
V
Default Internal Current Setpoint for Skip Cycle Operation
3
ILskip
--
330
--
mV
Propagation Delay from Current Detection to Gate OFF State
3
TDEL
--
90
150
ns
Leading Edge Blanking Duration
3
TLEB
--
250
--
ns
INTERNAL OSCILLATOR (VCC = 11 V, Pin 5 Loaded by 1.0 kΩ)
Oscillation Frequency, 65 kHz Version
--
fOSC
58.5
65
71.5
kHz
Oscillation Frequency, 100 kHz Version
--
fOSC
90
100
110
kHz
Oscillation Frequency, 133 kHz Version
--
fOSC
120
133
146
kHz
Maximum Duty--Cycle, NCP1217
--
Dmax
69
74
80
%
Maximum Duty--Cycle, NCP1217A
--
Dmax
42
46.5
50
%
1. Maximum Value @ TJ =0C.
2. Minimum Value @ TJ = 125C.


Similar Part No. - NCP1217AP65G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1217AP65G ONSEMI-NCP1217AP65G Datasheet
241Kb / 18P
   Enhanced PWM Current?묺ode Controller for High?뭁ower Universal Off?묹ine Supplies
September, 2005 ??Rev. 4
NCP1217AP65G ONSEMI-NCP1217AP65G Datasheet
305Kb / 19P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
April, 2015 ??Rev. 9
More results

Similar Description - NCP1217AP65G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1217 ONSEMI-NCP1217 Datasheet
195Kb / 18P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2004 ??Rev. 3
NCP1217 ONSEMI-NCP1217_10 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1217A ONSEMI-NCP1217A_15 Datasheet
305Kb / 19P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
April, 2015 ??Rev. 9
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com